Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XM33C321ASPZR Datasheet(PDF) 56 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 56 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 52Page - Texas Instruments XM33C321ASPZR Datasheet HTML 53Page - Texas Instruments XM33C321ASPZR Datasheet HTML 54Page - Texas Instruments XM33C321ASPZR Datasheet HTML 55Page - Texas Instruments XM33C321ASPZR Datasheet HTML 56Page - Texas Instruments XM33C321ASPZR Datasheet HTML 57Page - Texas Instruments XM33C321ASPZR Datasheet HTML 58Page - Texas Instruments XM33C321ASPZR Datasheet HTML 59Page - Texas Instruments XM33C321ASPZR Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 122 page
background image
7.10.2.3 I2C Timing Diagram
SDA
SCL
tSU,DAT
tHD,STA
tHD,STA
tVD,DAT
tSU,STO
tBUF
tSU,STA
tSP
ttHIGHt
ttLOWt
tHD,DAT
Figure 7-3. I2C Timing Diagram
7.10.3 SPI
7.10.3.1 SPI
over operating free-air temperature range (unless otherwise noted)
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SPI
fSPI
SPI clock frequency
VDD ≥ 2.7V, HSIO
40(4)
MHz
VDD ≥ 1.71V, HSIO
23
MHz
VDD ≥ 2.7V, SDIO
25
MHz
VDD ≥ 1.71V, SDIO
20
MHz
DCSCK
SCK Duty Cycle
40
50
60
%
Controller
tSCLK_H/L
SCLK High or Low time
(tSPI/2) -
1
tSPI / 2
(tSPI/2) +
1
ns
tCS.LEAD
CS lead-time, CS active to clock
SPH=0
1 SPI
Clock
ns
SPH=1
1/2 SPI
Clock
ns
tCS.LAG
CS lag time, Last clock to CS
inactive
1 SPI
Clock
ns
tCS.ACC
CS access time, CS active to PICO
data out
1/2 SPI
Clock
ns
tCS.DIS
CS disable time, CS inactive to
PICO high inpedance
1 SPI
Clock
ns
tSU.CI
POCI input data setup time (1)
Delayed sampling enabled
1
ns
tHD.CI
POCI input data hold time
VDD ≥ 2.7V, delayed sampling enabled
20
ns
VDD ≥ 1.71V, delayed sampling enabled
25
ns
tSU.CI
POCI input data setup time (1)
VDD ≥ 2.7V, no delayed sampling
18
ns
VDD ≥ 1.71V, no delayed sampling
24
ns
tHD.CI
POCI input data hold time
no delayed sampling enabled
0
ns
tVALID.CO
PICO output data valid time (2)
10
ns
tHD.CO
PICO output data hold time (3)
6
ns
Peripheral
tCS.LEAD
CS lead-time, CS active to clock
VDD ≥ 2.7V
19
ns
VDD ≥ 1.71V
22
ns
tCS.LAG
CS lag time, Last clock to CS
inactive
1
ns
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
www.ti.com
56
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com