| Electronic Components Datasheet Search |
|
XM33C321ASPZR Datasheet(PDF) 88 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XM33C321ASPZR Datasheet(HTML) 88 Page - Texas Instruments |
|
88 / 122 page ![]() 8.16.1 Timers (TIMx) The timer peripherals in these devices support the following key features, for specific configuration see Table 8-18: Specific features for the general-purpose timer (TIMGx) include: • 16-bit and 32-bit timers with up, down or up-down counting modes, with repeat-reload mode • Selectable and configurable clock source • 8-bit programmable prescaler to divide the counter clock frequency • Two independent CC channels for – Output compare – Input capture – PWM output – One-shot mode • Shadow CC register available in TIMG4_n (n = 0, 1, 2, 3) and TIMG12_0 • Shadow load register available in TIMG4_n (n = 0, 1, 2, 3) • Support quadrature encoder interface (QEI) for positioning and movement sensing available in TIMG8_n (n = 0, 1) • Support synchronization and cross trigger among different timer instances in the same power domain • Support interrupt/DMA trigger generation and cross peripherals trigger capability • Cross trigger event logic for Hall sensor inputs TIMG8_n (n = 0, 1) Specific features for the advanced timer (TIMA0_x) include: • 16-bit timer with up, down or up-down counting modes, with repeat-reload mode • Selectable and configurable clock source • 8-bit programmable prescaler to divide the counter clock frequency • Repeat counter to generate an interrupt or event only after a given number of cycles of the counter • Up to four independent CC channels for – Output compare – Input capture – PWM output – One-shot mode • Internal 5th and 6th internal CC channel for capture/compare events • Shadow register for load and CC register available in both TIMA0_0 and TIMA0_1 • Complementary output PWM • Asymmetric PWM with programmable dead band insertion • Fault handling mechanism to ensure the output signals in a safe user-defined state when a fault condition is encountered • Support synchronization and cross trigger among different TIMx instances in the same power domain • Support interrupt and DMA trigger generation and cross peripherals (such as ADC) trigger capability • Two additional capture/compare channels for internal events Table 8-18. TIMx Configurations TIMER NAME POWER DOMAIN RESOLUTION PRESCALE R REPEAT COUNTER CAPTURE / COMPARE CHANNELS PHASE LOAD SHADOW LOAD SHADOW CC DEADBAND FAULT QEI TIMA0_0 PD1 16-bit 8-bit 8-bit 4 + 2 Yes Yes Yes Yes Yes – TIMA0_1 PD1 16-bit 8-bit 8-bit 4 + 2 Yes Yes Yes Yes Yes – TIMG4_0 PD0 16-bit 8-bit – 2 – Yes Yes – – – TIMG4_1 PD0 16-bit 8-bit – 2 – Yes Yes – – – TIMG4_2 PD1 16-bit 8-bit – 2 – Yes Yes – – – TIMG4_3 PD1 16-bit 8-bit – 2 – Yes Yes – – – TIMG8_0 PD1 16-bit 8-bit – 2 – – – – – Yes TIMG8_1 PD1 16-bit 8-bit – 2 – – – – – Yes MSPM33C321A, MSPM33C3219 SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026 www.ti.com 88 Submit Document Feedback Copyright © 2026 Texas Instruments Incorporated Product Folder Links: MSPM33C321A MSPM33C3219 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |