Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XM33C321ASPZR Datasheet(PDF) 38 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 38 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 34Page - Texas Instruments XM33C321ASPZR Datasheet HTML 35Page - Texas Instruments XM33C321ASPZR Datasheet HTML 36Page - Texas Instruments XM33C321ASPZR Datasheet HTML 37Page - Texas Instruments XM33C321ASPZR Datasheet HTML 38Page - Texas Instruments XM33C321ASPZR Datasheet HTML 39Page - Texas Instruments XM33C321ASPZR Datasheet HTML 40Page - Texas Instruments XM33C321ASPZR Datasheet HTML 41Page - Texas Instruments XM33C321ASPZR Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 122 page
background image
Table 6-19. Unified Communication Module (UniComm) Signal Descriptions (continued)
SIGNAL NAME
PIN
TYP
E
DESCRIPTION
PFA PIN
PZ PIN
PN PIN
PM PIN
RGZ PIN ZAW PIN YSG PIN
UC14_SDA_TX
IOD Unified Communication
Module UC14: I2C SDA or
UART TX signal
84, 88
84, 88
69
21
E5, H1
D4
UC13_0_PICO_SDA_
TX
IOD Unified Communication
Module UC13: 0 or SPI
PICO or I2C SDA or UART
TX signal
31, 42,
43, 46,
53, 66,
70, 78,
84, 98
31, 42,
43, 46,
53, 66,
70, 78,
84, 98
26, 32,
33, 36,
43, 51,
55, 63,
69, 78
11, 21,
30, 60,
61, 64, 7
22, 23,
29, 33, 46
C2, D7,
F9, G10,
G7, H1,
H3, H4,
K3, K8
D4, E1,
E3, E5,
H2, K6,
P4, V2,
V4, V6
UC13_0_POCI_RTS
IO
Unified Communication
Module UC13: 0 or SPI
POCI or UART RTS signal
26, 30,
41, 48,
52, 55,
81, 93
26, 30,
41, 48,
52, 55,
81, 93
21, 25,
31, 38,
42, 45,
66, 73
2, 25, 53,
59, 6
21, 24,
28, 44
B8, B9,
E2, F4,
F8, H7,
J9, K10
A3, A5,
M2, N1,
N7, P2,
P6, R5
UC13_0_SCLK_SCL
_RX
IOD Unified Communication
Module UC13: 0 or SPI
SCLK or I2C SCL or UART
RX signal
32, 42,
43, 47,
52, 65,
69, 79,
85, 94
32, 42,
43, 47,
52, 65,
69, 79,
85, 94
27, 32,
33, 37,
42, 50,
54, 64,
70, 74
1, 10, 22,
26, 6, 60,
61
22, 23,
28, 32, 45
A10, D1,
F9, G1,
G3, G7,
H10, H5,
K10, K4
B4, H6,
J3, K2,
K4, N1,
P4, T2,
V4
UC13_1_PICO_SDA_
TX
IOD Unified Communication
Module UC13: 1 or SPI
PICO or I2C SDA or UART
TX signal
12, 25,
49, 73,
76, 92
12, 25,
49, 73,
76, 92
20, 39,
58, 61, 72
14, 17,
24, 3, 52
25, 36,
39, 43
D5, D9,
E1, G8,
J2, K2
A1, G3,
G5, J7,
U1
UC13_1_POCI_RTS
IO
Unified Communication
Module UC13: 1 or SPI
POCI or UART RTS signal
15, 24,
26, 94
15, 24,
26, 94
10, 19,
21, 74
26, 42,
51, 53
15, 45, 8
A5, B8,
D1, D8
G7, H6,
P6, T8
UC13_1_SCLK_SCL
_RX
IOD Unified Communication
Module UC13: 1 or SPI
SCLK or I2C SCL or UART
RX signal
13, 33,
50, 74,
77, 93
13, 33,
50, 74,
77, 93
28, 40,
59, 62, 73
15, 18,
25, 4, 56
18, 26,
37, 40, 44
B6, E2,
E7, H2,
J8, K1
A5, B2,
C1, R1,
T6
UC13_2_PICO_SDA_
TX
IOD Unified Communication
Module UC13: 2 or SPI
PICO or I2C SDA or UART
TX signal
44, 93
44, 93
34, 73
25, 62
44
E2, F10
A5, T4
UC13_2_POCI_RTS
IO
Unified Communication
Module UC13: 2 or SPI
POCI or UART RTS signal
47, 77
47, 77
37, 62
1, 18
40
H10, H2
B2, T2
UC13_2_SCLK_SCL
_RX
IOD Unified Communication
Module UC13: 2 or SPI
SCLK or I2C SCL or UART
RX signal
45, 92
45, 92
35, 72
24, 63
43
E1, G9
G5, R3
UC13_3_PICO_SDA_
TX
IOD Unified Communication
Module UC13: 3 or SPI
PICO or I2C SDA or UART
TX signal
2, 30, 37,
98
2, 30, 37,
98
2, 25, 78
30, 34
2, 46
B9, C2,
C4, F6
D6, E5,
N7
UC13_3_POCI_RTS
IO
Unified Communication
Module UC13: 3 or SPI
POCI or UART RTS signal
15, 32, 4,
99
15, 32, 4,
99
10, 27, 4,
79
31, 36, 42 47, 8
A10, A5,
B2, B3
B8, C9,
G7
UC13_3_SCLK_SCL
_RX
IOD Unified Communication
Module UC13: 3 or SPI
SCLK or I2C SCL or UART
RX signal
1, 14, 29,
94
1, 14, 29,
94
1, 24, 74
26, 33
1, 45, 7
D1, D3,
D6, E8
C7, H6,
R7
UC13_0_CS0_CTS
IO
Unified Communication
Module UC13: 0 or SPI
CS0 or UART CTS signal
25, 29,
51, 65,
80, 92, 98
25, 29,
51, 65,
80, 92, 98
20, 24,
41, 50,
65, 72, 78
24, 30, 5,
52
27, 43, 46 C2, D9,
E1, E8,
G4, H5,
J10
C3, E5,
G5, J7,
K2, M6,
R7
UC13_1_CS0_CTS
IO
Unified Communication
Module UC13: 1 or SPI
CS0 or UART CTS signal
17, 23, 70 17, 23, 70 12, 18, 55 11, 44, 50 10, 14, 33 A7, C8,
K3
E1, N9,
V8
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
www.ti.com
38
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com