Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XM33C321ASPZR Datasheet(PDF) 78 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 78 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 74Page - Texas Instruments XM33C321ASPZR Datasheet HTML 75Page - Texas Instruments XM33C321ASPZR Datasheet HTML 76Page - Texas Instruments XM33C321ASPZR Datasheet HTML 77Page - Texas Instruments XM33C321ASPZR Datasheet HTML 78Page - Texas Instruments XM33C321ASPZR Datasheet HTML 79Page - Texas Instruments XM33C321ASPZR Datasheet HTML 80Page - Texas Instruments XM33C321ASPZR Datasheet HTML 81Page - Texas Instruments XM33C321ASPZR Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 122 page
background image
– Independent Sample and Hold Window up to 1472 sample clocks for high impedance analog signals
– User configurable automatic abort to pre-empt high priority sequencer during active conversion
• Sample cap reset option with preset to VREF- or (VREF+ - VREF-)/2
• Up to 4 post processing blocks (PPB) with offset correction, zero-crossing detection and compare high/low
function
• Internal channels for temperature sensing and supply monitoring
• Software selectable reference:
– Configurable internal reference voltage of 1.4V and 2.5V (requires decoupling capacitor on VREF+/- pins)
– External reference supplied to the ADC through the VREF+/- pins
Table 8-8. ADC Channel Mapping
CHANNEL[0:31]
SIGNAL NAME(1)
HSADC0
HSADC1
0
ADC0_0
ADC1_0
1
ADC0_1
ADC1_1
2
ADC0_2
ADC1_2
3
ADC0_3
ADC1_3
4
ADC0_4
ADC1_4
5
ADC0_5
ADC1_5
6
ADC0_6
ADC1_6
7
ADC0_7
ADC1_7
8
ADC0_8
ADC1_8
9
ADC0_9
ADC1_9
10
ADC0_10
ADC1_10
11
Temperature Sensor
ADC1_11
12
ADC0_12
ADC1_12
13
ADC0_13
ADC1_13
14
ADC0_14
ADC1_14
15
ADC0_15
-
16
ADC0_16
-
17
ADC0_17
-
18
ADC0_18
-
19
ADC0_19
-
20
ADC0_20
-
21
ADC0_21
-
22 - 29
-
-
30
VBAT Monitor
VBAT Monitor
31
Supply Monitor
Supply Monitor
(1)
For more information about device analog connections please refer to Section 8.12.5
For more details, see the ADC chapter of the MSPM33C3x 160-MHz Microcontrollers Technical Reference
Manual.
8.12.2 COMP
The comparator peripheral in the device compares the voltage levels on two inputs terminals and provides a
digital output based on this comparison. It supports the following key features:
• Programmable hysteresis
• Programmable reference voltage:
– External reference voltage (VREF IO)
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
www.ti.com
78
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com