Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XM33C321ASPZR Datasheet(PDF) 36 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 36 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 32Page - Texas Instruments XM33C321ASPZR Datasheet HTML 33Page - Texas Instruments XM33C321ASPZR Datasheet HTML 34Page - Texas Instruments XM33C321ASPZR Datasheet HTML 35Page - Texas Instruments XM33C321ASPZR Datasheet HTML 36Page - Texas Instruments XM33C321ASPZR Datasheet HTML 37Page - Texas Instruments XM33C321ASPZR Datasheet HTML 38Page - Texas Instruments XM33C321ASPZR Datasheet HTML 39Page - Texas Instruments XM33C321ASPZR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 122 page
background image
Table 6-18. Timer (TIMx) Signal Descriptions (continued)
SIGNAL NAME
PIN
TYP
E
DESCRIPTION
PFA PIN
PZ PIN
PN PIN
PM PIN
RGZ PIN ZAW PIN YSG PIN
TIMA0_0_C2N
O
TIMA0_0 capture/compare
2 complementary output
19, 26,
34, 55,
57, 74
19, 26,
34, 55,
57, 74
14, 21,
29, 45,
47, 59
15, 46,
53, 57
12, 19, 37 A9, B8,
E9, H7,
H8, K1
C1, M2,
N5, P6,
U9
TIMA0_0_C3N
O
TIMA0_0 capture/compare
3 complementary output
24, 70, 93 24, 70, 93 19, 55, 73 11, 25, 51 15, 33, 44 D8, E2,
K3
A5, E1,
T8
TIMA0_0_FAL0
I
TIMA fault input 0
3, 98
3, 98
3, 78
30, 35
3, 46
C2, C3
E5, E7
TIMA0_0_FAL1
I
TIMA fault input 1
1, 46
1, 46
1, 36
33, 64
1
D3, G10
C7, V2
TIMA0_0_FAL2
I
TIMA fault input 2
5, 95, 99
5, 95, 99
5, 75, 79
27, 31, 37 47
B2, C1,
D4
B8, C5,
D8
TIMA0_1_C0
IO
TIMA0_1 capture/compare
0 signal
10, 27, 40 10, 27, 40 22, 30
54, 58
16, 20
C5, D10,
E10
U5, U7
TIMA0_1_C1
IO
TIMA0_1 capture/compare
1 signal
36, 44, 51 36, 44, 51 34, 41
5, 62
27
B10, F10,
J10
M6, T4
TIMA0_1_C2
IO
TIMA0_1 capture/compare
2 signal
20, 61, 75 20, 61, 75 15, 60
16, 47
38
C6, J1, J6 D2, K8
TIMA0_1_C3
IO
TIMA0_1 capture/compare
3 signal
38, 49, 83 38, 49, 83 39, 68
20, 3
25
C10, G2,
G8
J5, U1
TIMA0_1_C0N
O
TIMA0_1 capture/compare
0 complementary output
11, 34, 41 11, 34, 41 29, 31
57, 59
19, 21
B5, E9,
F8
N5, R5
TIMA0_1_C1N
O
TIMA0_1 capture/compare
1 complementary output
37, 45, 53 37, 45, 53 35, 43
63, 7
29
F6, G9,
K8
K6, R3
TIMA0_1_C2N
O
TIMA0_1 capture/compare
2 complementary output
21, 62, 82 21, 62, 82 16, 67
19, 48
41
C7, F3, J5 H4, M8
TIMA0_1_C3N
O
TIMA0_1 capture/compare
3 complementary output
39, 50, 84 39, 50, 84 40, 69
21, 4
26
F7, H1, J8 D4, R1
TIMA0_1_FAL0
I
TIMA fault input 0
2, 65
2, 65
2, 50
34
2
C4, H5
D6, K2
TIMA0_1_FAL1
I
TIMA fault input 1
4, 42, 52
4, 42, 52
32, 4, 42
36, 6, 60
22, 28
B3, F9,
K10
C9, N1,
P4
TIMA0_1_FAL2
I
TIMA fault input 2
58, 86
58, 86
71
23
42
F2, H9
F4
TIMG12_0_C0
IO
TIMG12_0 capture/
compare 0 signal
33, 47, 82 33, 47, 82 28, 37, 67 1, 19, 56
18, 41
E7, F3,
H10
H4, T2,
T6
TIMG12_0_C1
IO
TIMG12_0 capture/
compare 1 signal
48, 86, 93 48, 86, 93 38, 71, 73 2, 23, 25
24, 42, 44 E2, F2, J9 A5, F4,
P2
TIMG4_0_C0
IO
TIMG4_0 capture/compare
0 signal
18, 44,
51, 92
18, 44,
51, 92
13, 34,
41, 72
24, 45, 5,
62
11, 27, 43 A8, E1,
F10, J10
G5, M6,
R9, T4
TIMG4_0_C1
IO
TIMG4_0 capture/compare
1 signal
19, 45,
52, 93
19, 45,
52, 93
14, 35,
42, 73
25, 46, 6,
63
12, 28, 44 A9, E2,
G9, K10
A5, N1,
R3, U9
TIMG4_1_C0
IO
TIMG4_1 capture/compare
0 signal
12, 20,
85, 99
12, 20,
85, 99
15, 70, 79 22, 31, 47 47
B2, C6,
D5, G1
B4, B8,
K8
TIMG4_1_C1
IO
TIMG4_1 capture/compare
1 signal
13, 21,
65, 86
13, 21,
65, 86
16, 50, 71 23, 48
42
B6, C7,
F2, H5
F4, K2,
M8
TIMG4_2_C0
IO
TIMG4_2 capture/compare
0 signal
18, 23, 4,
40, 44,
76, 78, 96
18, 23, 4,
40, 44,
76, 78, 96
13, 18,
30, 34, 4,
61, 63, 76
17, 28,
36, 45,
50, 58, 62
11, 14,
20, 39
A8, B1,
B3, C8,
E10, F10,
H3, J2
A1, B6,
C9, E3,
R9, T4,
U5, V8
TIMG4_2_C1
IO
TIMG4_2 capture/compare
1 signal
19, 24,
41, 45, 5,
77, 79, 97
19, 24,
41, 45, 5,
77, 79, 97
14, 19,
31, 35, 5,
62, 64, 77
18, 29,
37, 46,
51, 59, 63
12, 15,
21, 40
A9, D2,
D4, D8,
F8, G3,
G9, H2
A7, B2,
D8, K4,
R3, R5,
T8, U9
TIMG4_3_C0
IO
TIMG4_3 capture/compare
0 signal
49, 69, 98 49, 69, 98 39, 54, 78 10, 3, 30
25, 32, 46 C2, G8,
K4
E5, J3,
U1
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
www.ti.com
36
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com