Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XM33C321ASPZR Datasheet(PDF) 96 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 96 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 92Page - Texas Instruments XM33C321ASPZR Datasheet HTML 93Page - Texas Instruments XM33C321ASPZR Datasheet HTML 94Page - Texas Instruments XM33C321ASPZR Datasheet HTML 95Page - Texas Instruments XM33C321ASPZR Datasheet HTML 96Page - Texas Instruments XM33C321ASPZR Datasheet HTML 97Page - Texas Instruments XM33C321ASPZR Datasheet HTML 98Page - Texas Instruments XM33C321ASPZR Datasheet HTML 99Page - Texas Instruments XM33C321ASPZR Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 122 page
background image
For orderable part numbers of MSP devices in different package types, see the Package Option Addendum of
this document, ti.com, or contact your TI sales representative.
10.3 Tools and Software
Design Kits and Evaluation Modules
MSPM33 LaunchPad
(LP) Boards: LP-
MSPM33C321A
Empowers you to immediately start developing on the industry’s best integrated
analog and most cost-optimized general purpose MSPM33 MCU family. Exposes
all device pins and functionality; includes some built-in circuitry, out-of-box
software demos, and on-board XDS110 debug probe for programming/debugging/
EnergyTrace.
The LP ecosystem includes dozens of BoosterPack stackable plug-in modules to
extend functionality.
Embedded Software
MSPM33 Software
Development Kit (SDK)
Contains software drivers, middleware libraries, documentation, tools, and code
examples that create a familiar and easy user experience for all MSPM33 devices.
Software Development
Tools
TI Developer Zone
Start your evaluation and development on a web browser without any installation.
Cloud tools also have a downloadable, offline version.
TI Resource Explorer
Online portal to TI SDKs. Accessible in CCS IDE or in TI Cloud Tools.
SysConfig
Intuitive GUI to configure device and peripherals, resolve system conflicts, generate
configuration code, and automate pin mux settings. Accessible in CCS IDE ,in TI
Cloud Tools or a standalone version. (offline version)
MSP Academy
Great starting point for all developers to learn about the MSP MCU Platform with
training modules that span a wide range of topics. Part of TIRex.
GUI Composer
GUIs that simplify evaluation of certain MSP features, such as configuring and
monitoring a fully integrated analog signal chain without any code needed.
IDE & compiler
toolchains
Code Composer Studio™
(CCS)
Code Composer Studio is an integrated development environment (IDE) for TI's
microcontrollers and processors. It comprises a suite of tools used to develop and
debug embedded applications. CCS is completely free to use and is available on
Eclipse and Theia frameworks.
IAR Embedded
Workbench® IDE
IAR Embedded Workbench for Arm delivers a complete development toolchain for
building and debugging embedded applications for MSPM33 devices.The included
IAR C/C++ Compiler generates highly optimized code for your application, and the
C-SPY Debugger is a fully integrated debugger for source and disassembly level
debugging with support for complex code and data breakpoint.
Keil® MDK IDE
Arm Keil MDK is a complete debugger and C/C++ compiler toolchain for building
and debugging embedded applications for MSPM33 devices.Keil MDK includes
a fully integrated debugger for source and disassembly level debugging. MDK
provides full CMSIS compliance.
TI Arm-Clang
TI Arm Clang is included in the Code Composer Studio IDE.
GNU Arm Embedded
Toolchain
The MSPM33 SDK supports development using the open-source Arm GNU
Toolchain. Arm GCC is supported by Code Composer Studio IDE (CCS).
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
www.ti.com
96
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com