Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XM33C321ASPZR Datasheet(PDF) 121 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 121 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 114Page - Texas Instruments XM33C321ASPZR Datasheet HTML 115Page - Texas Instruments XM33C321ASPZR Datasheet HTML 116Page - Texas Instruments XM33C321ASPZR Datasheet HTML 117Page - Texas Instruments XM33C321ASPZR Datasheet HTML 118Page - Texas Instruments XM33C321ASPZR Datasheet HTML 119Page - Texas Instruments XM33C321ASPZR Datasheet HTML 120Page - Texas Instruments XM33C321ASPZR Datasheet HTML 121Page - Texas Instruments XM33C321ASPZR Datasheet HTML 122Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 121 / 122 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
100X (1.5)
100X (0.3)
96X (0.5)
(R0.05) TYP
(15.4)
(15.4)
LQFP - 1.6 mm max height
PZ0100A
PLASTIC QUAD FLATPACK
4215169/A 03/2017
NOTES: (continued)
8. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
9. Board assembly site may have different recommendations for stencil design.
SYMM
SYMM
100
76
26
50
51
75
1
25
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
SCALE:6X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com