Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62P25LN3/CCC Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST62P25LN3/CCC
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62P25LN3/CCC Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST62P25LN3/CCC Datasheet HTML 60Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 61Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 62Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 63Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 64Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 65Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 66Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 67Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 105 page
background image
ST6215C/ST6225C
64/105
11.2 ABSOLUTE MAXIMUM RATINGS
Stresses above those listed as “absolute maxi-
mum ratings” may cause permanent damage to
the device. This is a stress rating only and func-
tional operation of the device under these condi-
tions is not implied. Exposure to maximum rating
conditions for extended periods may affect device
reliability.
11.2.1 Voltage Characteristics
11.2.2 Current Characteristics
11.2.3 Thermal Characteristics
Notes:
1. Directly connecting the RESET and I/O pins to VDD or VSS could damage the device if an unintentional internal reset
is generated or an unexpected change of the I/O configuration occurs (for example, due to a corrupted program coun-
ter). To guarantee safe operation, this connection has to be done through a pull-up or pull-down resistor (typical: 4.7k
Ω
for RESET, 10k
Ω for I/Os). Unused I/O pins must be tied in the same way to V
DD or VSS according to their reset con-
figuration.
2. When the current limitation is not possible, the VIN absolute maximum rating must be respected, otherwise refer to
IINJ(PIN) specification. A positive injection is induced by VIN>VDD while a negative injection is induced by VIN<VSS.
3. Power (VDD) and ground (VSS) lines must always be connected to the external supply.
4. Negative injection disturbs the analog performance of the device. In particular, it induces leakage currents throughout
the device including the analog inputs. To avoid undesirable effects on the analog functions, care must be taken:
- Analog input pins must have a negative injection less than 1mA (assuming that the impedance of the analog voltage
is lower than the specified limits).
- Pure digital pins must have a negative injection less than 1mA. In addition, it is recommended to inject the current as
far as possible from the analog input pins.
Symbol
Ratings
Maximum value
Unit
VDD - VSS
Supply voltage
7
V
VIN
Input voltage on any pin 1) & 2)
VSS-0.3 to VDD+0.3
VOUT
Output voltage on any pin 1) & 2)
VSS-0.3 to VDD+0.3
VESD(HBM)
Electro-static discharge voltage (Human Body Model)
3500
Symbol
Ratings
Maximum value
Unit
IVDD
Total current into VDD power lines (source)
3)
80
mA
IVSS
Total current out of VSS ground lines (sink)
3)
100
IIO
Output current sunk by any standard I/O and control pin
20
Output current sunk by any high sink I/O pin
40
Output current source by any I/Os and control pin
15
IINJ(PIN)
2) & 4)
Injected current on RESET pin
±5
Injected current on any other pin
±5
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
-60 to +150
°C
TJ
Maximum junction temperature
(see THERMAL CHARACTERISTICS section)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com