Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62P25LN3/CCC Datasheet(PDF) 56 Page - STMicroelectronics

Part # ST62P25LN3/CCC
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62P25LN3/CCC Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ST62P25LN3/CCC Datasheet HTML 52Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 53Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 54Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 55Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 56Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 57Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 58Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 59Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 105 page
background image
ST6215C/ST6225C
56/105
A/D CONVERTER (Cont’d)
9.3.5 Low Power Modes
Note: The A/D converter may be disabled by clear-
ing the PDS bit. This feature allows reduced power
consumption when no conversion is needed.
9.3.6 Interrupts
Note: The EOC bit is cleared only when a new
conversion is started (it cannot be cleared by writ-
ing 0). To avoid generating further EOC interrupt,
the EAI bit has to be cleared within the ADC inter-
rupt subroutine.
9.3.7 Register Description
A/D CONVERTER CONTROL REGISTER (AD-
CR)
Address: 0D1h - Read/Write (Bit 6 Read Only, Bit
5 Write Only)
Reset value: 0100 0000 (40h)
Bit 7 = EAI
Enable A/D Interrupt.
0: ADC interrupt disabled
1: ADC interrupt enabled
Bit 6 = EOC
End of conversion. Read Only
When a conversion has been completed, this bit is
set by hardware and an interrupt request is gener-
ated if the EAI bit is set. The EOC bit is automati-
cally cleared when the STA bit is set. Data in the
data conversion register are valid only when this
bit is set to “1”.
0: Conversion is not complete
1: Conversion can be read from the ADR register
Bit 5 = STA
: Start of Conversion. Write Only.
0: No effect
1: Start conversion
Note: Setting this bit automatically clears the EOC
bit. If the bit is set again when a conversion is in
progress, the present conversion is stopped and a
new one will take place. This bit is write only, any
attempt to read it will show a logical zero.
Bit 4 = PDS
Power Down Selection.
0: A/D converter is switched off
1: A/D converter is switched on
Bit 3 = ADCR3 Reserved, must be cleared.
Bit 2 = OSCOFF
Main Oscillator off.
0: Main Oscillator enabled
1: Main Oscillator disabled
Note: This bit does not apply to the ADC peripher-
al but to the main clock system. Refer to the Clock
System section.
Bits 1:0 = ADCR[1:0] Reserved, must be cleared.
A/D CONVERTER DATA REGISTER (ADR)
Address: 0D0h - Read only
Reset value: xxxx xxxx (xxh)
Bits 7:0 = ADR[7:0]
: 8 Bit A/D Conversion Result.
Table 15. ADC Register Map and Reset Values
Mode
Description
WAIT
No effect on A/D Converter. ADC interrupts
cause the device to exit from Wait mode.
STOP
A/D Converter disabled.
Interrupt Event
Event
Flag
Enable
Bit
Exit
from
Wait
Exit
from
Stop
End of Conver-
sion
EOC
EAI
Yes
No
70
EAI
EOC
STA
PDS
ADCR
3
OSC
OFF
ADCR
1
ADCR
0
70
ADR7
ADR6
ADR5
ADR4
ADR3
ADR2
ADR1
ADR0
Address
(Hex.)
Register
Label
76
54321
0
0D0h
ADR
Reset Value
ADR7
0
ADR6
0
ADR5
0
ADR4
0
ADR3
0
ADR2
0
ADR1
0
ADR0
0
0D1h
ADCR
Reset Value
EAI
0
EOC
1
STA
0
PDS
0
ADCR3
0
OSCOFF
0
ADCR1
0
ADCR0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com