Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62P25LN3/CCC Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST62P25LN3/CCC
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62P25LN3/CCC Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST62P25LN3/CCC Datasheet HTML 11Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 12Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 13Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 14Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 15Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 16Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 17Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 18Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 105 page
background image
ST6215C/ST6225C
15/105
3.2 PROGRAMMING MODES
3.2.1 Program Memory
EPROM/OTP programming mode is set by a
+12.5V voltage applied to the TEST/VPP pin. The
programming flow of the ST62T15C,T25C/E25C is
described in the User Manual of the EPROM Pro-
gramming Board.
Table 3. ST6215C Program Memory Map
Table 4. ST6225C Program Memory Map
Note: OTP/EPROM devices can be programmed
with
the
development
tools
available
from
STMicroelectronics (please refer to Section 13 on
page 100).
3.2.2 EPROM Erasing
The EPROM devices can be erased by exposure
to Ultra Violet light. The characteristics of the MCU
are such that erasure begins when the memory is
exposed to light with a wave lengths shorter than
approximately 4000Å. It should be noted that sun-
light and some types of fluorescent lamps have
wavelengths in the range 3000-4000Å.
It is thus recommended that the window of the
MCU packages be covered by an opaque label to
prevent unintentional erasure problems when test-
ing the application in such an environment.
The recommended erasure procedure is exposure
to short wave ultraviolet light which have a wave-
length 2537Å. The integrated dose (i.e. U.V. inten-
sity x exposure time) for erasure should be a mini-
mum of 30W-sec/cm2. The erasure time with this
dosage is approximately 30 to 40 minutes using an
ultraviolet lamp with 12000µW/cm2 power rating.
The EPROM device should be placed within
2.5cm (1inch) of the lamp tubes during erasure.
Device Address
Description
0000h-087Fh
0880h-0F9Fh
0FA0h-0FEFh
0FF0h-0FF7h
0FF8h-0FFBh
0FFCh-0FFDh
0FFEh-0FFFh
Reserved
User ROM
Reserved
Interrupt Vectors
Reserved
NMI Interrupt Vector
Reset Vector
Device Address
Description
0000h-007Fh
0080h-0F9Fh
0FA0h-0FEFh
0FF0h-0FF7h
0FF8h-0FFBh
0FFCh-0FFDh
0FFEh-0FFFh
Reserved
User ROM
Reserved
Interrupt Vectors
Reserved
NMI Interrupt Vector
Reset Vector
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com