Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62P25LN3/CCC Datasheet(PDF) 92 Page - STMicroelectronics

Part # ST62P25LN3/CCC
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62P25LN3/CCC Datasheet(HTML) 92 Page - STMicroelectronics

Back Button ST62P25LN3/CCC Datasheet HTML 88Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 89Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 90Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 91Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 92Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 93Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 94Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 95Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 105 page
background image
ST6215C/ST6225C
92/105
PACKAGE MECHANICAL DATA (Cont’d)
Figure 76. 28-Pin Ceramic Side-Brazed Dual In-Line Package
Figure 77. 28-Pin Plastic Shrink Small Outline Package
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
4.17
0.164
A1
0.76
0.030
B
0.36 0.46 0.56 0.014 0.018 0.022
B1
0.76 1.27 1.78 0.030 0.050 0.070
C
0.20 0.25 0.38 0.008 0.010 0.015
D
34.95 35.56 36.17 1.376 1.400 1.424
D1
33.02
1.300
E1
14.61 15.11 15.62 0.575 0.595 0.615
e
2.54
0.100
G
12.70 12.95 13.21 0.500 0.510 0.520
G1
12.70 12.95 13.21 0.500 0.510 0.520
G2
1.14
0.045
L
2.92
5.08 0.115
0.200
S
1.27
0.050
Ø
8.89
0.350
Number of Pins
N28
CDIP28W
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
2.00
0.079
A1
0.05
0.002
A2
1.65
1.75
1.85 0.065 0.069 0.073
b
0.22
0.38 0.009
0.015
c
0.09
0.25 0.004
0.010
D
9.90 10.20 10.50 0.390 0.402 0.413
E
7.40
7.80
8.20 0.291 0.307 0.323
E1
5.00
5.30
5.60 0.197 0.209 0.220
e
0.65
0.026
θ
0°
4°
8°
0°
4°
8°
L
0.55
0.75
0.95 0.022 0.030 0.037
Number of Pins
N
28
E1
E
h
L
c
A
A1
A2
e
b
D
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com