Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62P25LN3/CCC Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST62P25LN3/CCC
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62P25LN3/CCC Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST62P25LN3/CCC Datasheet HTML 67Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 68Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 69Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 70Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 71Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 72Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 73Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 74Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 105 page
background image
ST6215C/ST6225C
71/105
SUPPLY CURRENT CHARACTERISTICS (Cont’d)
11.4.3 STOP Mode
Notes:
1. Typical data are based on VDD=5.0V at TA=25°C.
2. All I/O pins in input with pull-up mode (no load), all peripherals in reset state, OSG and LVD disabled, option bytes
programmed to 00H. Data based on characterization results, tested in production at VDD max. and fCPU max.
3. Maximum STOP consumption for -40°C<Ta<90°C
4. Maximum STOP consumption for -40°C<Ta<125°C
Figure 47. Typical IDD in STOP vs Temperature
for OTP devices
Figure 48. Typical IDD in STOP vs Temperature
for ROM devices
Symbol
Parameter
Conditions
Typ 1)
Max
Unit
IDD
Supply current in STOP mode 2)
(see Figure 47 & Figure 48)
OTP devices
0.3
10 3)
20 4)
µA
ROM devices
0.1
2 3)
20 4)
34
5
6
VDD [V]
0
200
400
600
800
1000
1200
IDD [nA]
Ta=-40°C
Ta=25°C
Ta=95°C
Ta=125°C
34
56
VDD [V]
0
500
1000
1500
IDD [nA]
Ta=-40°C
Ta=25°C
Ta=95°C
Ta=125°C
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com