Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62P25LN3/CCC Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST62P25LN3/CCC
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62P25LN3/CCC Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST62P25LN3/CCC Datasheet HTML 61Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 62Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 63Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 64Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 65Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 66Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 67Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 68Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 105 page
background image
ST6215C/ST6225C
65/105
11.3 OPERATING CONDITIONS
11.3.1 General Operating Conditions
Notes:
1. An oscillator frequency above 1.2MHz is recommended for reliable A/D results.
2. Operating conditions with TA=-40 to +125°C.
Figure 38. fOSC Maximum Operating Frequency Versus VDD Supply Voltage for OTP & ROM devices
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
Supply voltage
see Figure 38
3.0
6
V
fOSC
Oscillator frequency
VDD=3.0V, 1 & 6 Suffix
0 1)
4
MHz
VDD=3.0V, 3 Suffix
0 1)
4
VDD=3.6V, 1 & 6Suffix
0 1)
8
VDD=3.6V, 3 Suffix
0 1)
4
VDD
Operating Supply Voltage
fOSC=4MHz, 1 & 6 Suffix
3.0
6.0
V
fOSC=4MHz, 3 Suffix
3.0
6.0
fOSC=8MHz, 1 & 6 Suffix
3.6
6.0
fOSC=8MHz, 3 Suffix
4.5
6.0
TA
Ambient temperature range
1 Suffix Version
0
70
°C
6 Suffix Version
-40
85
3 Suffix Version
-40
125
1
2.5
3.6
4
4.555.5
6
8
7
6
5
4
3
2
SUPPLY
3
fOSG
fOSG Min
fOSC [MHz]
3
VOLTAGE (VDD)
2
1
1. In this area, operation is guaranteed at the quartz crystal frequency.
2. When the OSG is disabled, operation in this area is guaranteed at the crystal frequency. When the
3. When the OSG is disabled, operation in this area is guaranteed at the quartz crystal frequency. When
OSG is enabled, operation in this area is guaranteed at a frequency of at least fOSG Min.
the OSG is enabled, access to this area is prevented. The internal frequency is kept at fOSG.
1 & 6 suffix version
3 suffix version
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com