Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62P25LN3/CCC Datasheet(PDF) 98 Page - STMicroelectronics

Part # ST62P25LN3/CCC
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62P25LN3/CCC Datasheet(HTML) 98 Page - STMicroelectronics

Back Button ST62P25LN3/CCC Datasheet HTML 94Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 95Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 96Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 97Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 98Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 99Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 100Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 101Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 105 page
background image
ST6215C/ST6225C
98/105
TRANSFER OF CUSTOMER CODE (Cont’d)
12.6.2 ROM Version
The ST6215C/25C are mask programmed ROM
version of ST62T15C,T25C OTP devices.
They offer the same functionality as OTP devices,
selecting as ROM options the options defined in
the programmable option byte of the OTP version.
Figure 81. Programming Circuit
Note: ZPD15 is used for overvoltage protection
ROM Readout Protection. If the ROM READOUT
PROTECTION option is selected, a protection
fuse can be blown to prevent any access to the
program memory content.
In case the user wants to blow this fuse, high volt-
age must be applied on the VPP pin.
Figure 82. Programming wave form
VR02003
VPP
5V
100nF
4.7µF
PROTECT
100nF
VDD
VSS
ZPD15
15V
14V
100 µs max
0.5s min
VPP
15
14V typ
10
5
VPP
400mA
4mA typ
VR02001
max
150 µs typ
t
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com