Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62P25LN3/CCC Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST62P25LN3/CCC
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62P25LN3/CCC Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST62P25LN3/CCC Datasheet HTML 34Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 35Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 36Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 37Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 38Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 39Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 40Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 41Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 105 page
background image
ST6215C/ST6225C
38/105
8 I/O PORTS
8.1 INTRODUCTION
Each I/O port contains up to 8 pins. Each pin can
be programmed independently as digital input
(with or without pull-up and interrupt generation),
digital output (open drain, push-pull) or analog in-
put (when available).
The I/O pins can be used in either standard or al-
ternate function mode.
Standard I/O mode is used for:
– Transfer of data through digital inputs and out-
puts (on specific pins):
– External interrupt generation
Alternate function mode is used for:
– Alternate signal input/output for the on-chip
peripherals
The generic I/O block diagram is shown in Figure
23.
8.2 FUNCTIONAL DESCRIPTION
Each port is associated with 3 registers located in
Data space:
– Data Register (DR)
– Data Direction Register (DDR)
– Option Register (OR)
Each I/O pin may be programmed using the corre-
sponding register bits in the DDR, DR and OR reg-
isters: bit x corresponding to pin x of the port. Table
8 illustrates the various port configurations which
can be selected by user software.
During MCU initialization, all I/O registers are
cleared and the input mode with pull-up and no in-
terrupt generation is selected for all the pins, thus
avoiding pin conflicts.
8.2.1 Digital Input Modes
The input configuration is selected by clearing the
corresponding DDR register bit.
In this case, reading the DR register returns the
digital value applied to the external I/O pin.
Different input modes can be selected by software
through the DR and OR registers, see Table 8.
External Interrupt Function
All input lines can be individually connected by
software to the interrupt system by programming
the OR and DR registers accordingly. The inter-
rupt trigger modes (falling edge, rising edge and
low level) can be configured by software for each
port as described in the Interrupt section.
8.2.2 Analog Inputs
Some pins can be configured as analog inputs by
programming the OR and DR registers according-
ly, see Table 8. These analog inputs are connect-
ed to the on-chip 8-bit Analog to Digital Converter.
Caution: ONLY ONE pin should be programmed
as an analog input at any time, since by selecting
more than one input simultaneously their pins will
be effectively shorted.
8.2.3 Output Modes
The output configuration is selected by setting the
corresponding DDR register bit. In this case, writ-
ing to the DR register applies this digital value to
the I/O pin through the latch. Then, reading the DR
register returns the previously stored value.
Two different output modes can be selected by
software through the OR register: push-pull and
open-drain.
DR register value and output pin status:
Note: The open drain setting is not a true open
drain. This means it has the same structure as the
push-pull setting but the P-buffer is deactivated.
To avoid damaging the device, please respect the
VOUT absolute maximum rating described in the
Electrical Characteristics section.
8.2.4 Alternate Functions
When an on-chip peripheral is configured to use a
pin, the alternate function (timer input/output...) is
not systematically selected but has to be config-
ured through the DDR, OR and DR registers. Re-
fer to the chapter describing the peripheral for
more details.
DR
Push-pull
Open-drain
0VSS
VSS
1VDD
Floating
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com