Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62P25LN3/CCC Datasheet(PDF) 94 Page - STMicroelectronics

Part # ST62P25LN3/CCC
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62P25LN3/CCC Datasheet(HTML) 94 Page - STMicroelectronics

Back Button ST62P25LN3/CCC Datasheet HTML 90Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 91Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 92Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 93Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 94Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 95Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 96Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 97Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 105 page
background image
ST6215C/ST6225C
94/105
12.3 SOLDERING AND GLUEABILITY INFORMATION
Recommended soldering information given only
as design guidelines in Figure 78 and Figure 79.
Recommended glue for SMD plastic packages:
s
Heraeus: PD945, PD955
s
Loctite: 3615, 3298
Figure 78. Recommended Wave Soldering Profile (with 37% Sn and 63% Pb)
Figure 79. Recommended Reflow Soldering Oven Profile (MID JEDEC)
250
200
150
100
50
0
40
80
120
160
Time [sec]
Temp. [°C]
20
60
100
140
5 sec
COOLING PHASE
(ROOM TEMPERATURE)
PREHEATING
80°C
PHASE
SOLDERING
PHASE
250
200
150
100
50
0
100
200
300
400
Time [sec]
Temp. [°C]
ramp up
2°C/sec for 50sec
90 sec at 125°C
150 sec above 183°C
ramp down natural
2°C/sec max
Tmax=220+/-5°C
for 25 sec
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com