Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62P25LN3/CCC Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST62P25LN3/CCC
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62P25LN3/CCC Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST62P25LN3/CCC Datasheet HTML 64Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 65Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 66Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 67Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 68Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 69Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 70Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 71Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 105 page
background image
ST6215C/ST6225C
68/105
SUPPLY CURRENT CHARACTERISTICS (Cont’d)
11.4.2 WAIT Modes
Notes:
1. Typical data are based on TA=25°C, VDD=5V (4.5V≤VDD≤6.0V range) and VDD=3.3V (3V≤VDD≤3.6V range).
2. Data based on characterization results, tested in production at VDD max. and fOSC max.
3. All I/O pins in input with pull-up mode (no load), all peripherals in reset state; clock input (OSCIN) driven by external
square wave, OSG and LVD disabled.
Symbol
Parameter
Conditions
Typ 1)
Max 2)
Unit
IDD
Supply current in WAIT mode 3)
Option bytes not programmed
(see Figure 44)
fOSC=32kHz
fOSC=1MHz
fOSC=2MHz
fOSC=4MHz
fOSC=8MHz
330
350
370
410
480
550
600
650
700
800
µA
Supply current in WAIT mode 3)
Option bytes programmed to 00H
(see Figure 45)
fOSC=32kHz
fOSC=1MHz
fOSC=2MHz
fOSC=4MHz
fOSC=8MHz
18
26
41
57
70
60
80
120
180
200
Supply current in WAIT mode3)
(see Figure 46)
fOSC=32kHz
fOSC=1MHz
fOSC=2MHz
fOSC=4MHz
fOSC=8MHz
190
210
240
280
350
300
350
400
500
600
Supply current in WAIT mode 3)
Option bytes not programmed
(see Figure 44)
fOSC=32kHz
fOSC=1MHz
fOSC=2MHz
fOSC=4MHz
fOSC=8MHz
80
90
100
120
150
120
140
150
200
250
Supply current in WAIT mode 3)
Option bytes programmed to 00H
(see Figure 45)
fOSC=32kHz
fOSC=1MHz
fOSC=2MHz
fOSC=4MHz
fOSC=8MHz
5
8
16
18
20
30
40
50
60
100
Supply current in WAIT mode 3)
Option bytes not programmed
(see Figure 46)
fOSC=32kHz
fOSC=1MHz
fOSC=2MHz
fOSC=4MHz
fOSC=8MHz
60
65
80
100
130
100
110
120
150
210
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com