Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62P25LN3/CCC Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST62P25LN3/CCC
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62P25LN3/CCC Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST62P25LN3/CCC Datasheet HTML 10Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 11Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 12Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 13Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 14Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 15Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 16Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 17Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 105 page
background image
ST6215C/ST6225C
14/105
MEMORY MAP (Cont’d)
3.1.6.2 Data ROM Window memory addressing
In cases where some data (look-up tables for ex-
ample) are stored in program memory, reading
these data requires the use of the Data ROM win-
dow mechanism. To do this:
1. The DRWR register has to be loaded with the
64-byte block number where the data are located
(in program memory). This number also gives the
start address of the block.
2. Then, the offset address of the byte in the Data
ROM Window (corresponding to the offset in the
64-byte block in program memory) has to be load-
ed in a register (A, X,...).
When the above two steps are completed, the
data can be read.
To understand how to determine the DRWR and
the content of the register, please refer to the ex-
ample shown in Figure 6. In any case the calcula-
tion is automatically handled by the ST6 develop-
ment tools.
Please refer to the user manual of the correspod-
ing tool.
3.1.6.3 Recommendations
Care is required when handling the DRWR regis-
ter as it is write only. For this reason, the DRWR
contents should not be changed while executing
an interrupt service routine, as the service routine
cannot save and then restore the register’s previ-
ous contents. If it is impossible to avoid writing to
the DRWR during the interrupt service routine, an
image of the register must be saved in a RAM lo-
cation, and each time the program writes to the
DRWR, it must also write to the image register.
The image register must be written first so that, if
an interrupt occurs between the two instructions,
the DRWR is not affected.
Figure 6. Data read-only memory Window Memory Addressing
DATA
PROGRAM SPACE
DATA SPACE
0000h
0400h
0421h
07FFh
64 bytes
OFFSET
000h
040h
061h
07Fh
OFFSET
21h
0FFh
DRWR
DATA address in Program memory : 421h
DRWR content : 421h / 3Fh (64) = 10H data is located in 64-bytes window number 10h
64-byte window start address : 10h x 3Fh = 400h
Register (A, X,...)content : Offset = (421h - 400h) + 40h ( Data ROM Window start address in data space) = 61h
10h
DATA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com