Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62P25LN3/CCC Datasheet(PDF) 50 Page - STMicroelectronics

Part # ST62P25LN3/CCC
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62P25LN3/CCC Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ST62P25LN3/CCC Datasheet HTML 46Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 47Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 48Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 49Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 50Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 51Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 52Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 53Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 105 page
background image
ST6215C/ST6225C
50/105
8-BIT TIMER (Cont’d)
9.2.4.2 Event Counter Mode
(TOUT = “0”, DOUT = “0”)
In this mode, the TIMER pin is the input clock of
the Timer prescaler which is decremented on eve-
ry rising edge of the input clock (allowing event
count). See Figure 30 and Figure 31.
This mode is selected by clearing the TOUT bit in
the TSCR register (i.e. as input) and clearing the
DOUT bit.
Note: In this mode, if the TIMER pin is multi-
plexed, the corresponding port control bits have to
be set in input with pull-up configuration.
Figure 30. fTIMER Clock in Event Counter Mode
Figure 31. Event Counter Mode Operation
9.2.4.3 Output Mode
(TOUT = “1”, DOUT = “data out”)
In Output mode, the TIMER pin is connected to the
DOUT latch, hence the Timer prescaler is clocked
by the prescaler clock input (fINT/12). See Figure 32.
The user can select the prescaler division ratio us-
ing the PS[2:0] bits in the TSCR register. When TCR
decrements to zero, it sets the TMZ bit in the TSCR.
The TMZ bit can be tested under program control to
perform a timer function whenever it goes high and
has to be cleared by the user. The low-to-high TMZ
bit transition is used to latch the DOUT bit in the
TSCR and, if the TOUT bit is set, DOUT is trans-
ferred to the TIMER pin. This operating mode allows
external signal generation on the TIMER pin. See
Figure 33.
This mode is selected by setting the TOUT bit in
the TSCR register (i.e. as output) and setting the
DOUT bit to output a high level or clearing the
DOUT bit to output a low level.
Note: As soon as the TOUT bit is set, The timer
pin is configured as output push-pull regardless of
the corresponding I/O port control registers setting
(if the TIMER pin is multiplexed).
Figure 32. Output Mode Control
Figure 33. Output Mode Operation
fPRESCALER
TIMER
XX1
COUNTER VALUE
TIMER PIN
VALUE 1
VALUE 2
XX2
TMZ
TIMER
TOUT
DOUT
LATCH
FFh
1
Counter
TIMER PIN
1st downcount:
Default output value is 0
At each zero event
DOUT has to be
copied to the TIMER
pin
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com