Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62P25LN3/CCC Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST62P25LN3/CCC
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62P25LN3/CCC Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST62P25LN3/CCC Datasheet HTML 65Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 66Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 67Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 68Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 69Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 70Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 71Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 72Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 105 page
background image
ST6215C/ST6225C
69/105
SUPPLY CURRENT CHARACTERISTICS (Cont’d)
Figure 44. Typical IDD in WAIT vs fCPU and Temperature for OTP devices with option bytes not
programmed
Figure 45. Typical IDD in WAIT vs fCPU and Temperature for OTP devices with option bytes
programmed to 00H
34
56
VDD [V]
0
100
200
300
400
500
600
700
800
IDD [µA]
8MHz
4MHz
2MHz
1M
32KHz
-40
25
95
125
T[°C]
200
300
400
500
600
700
IDD [µA]
8MHz
4MHz
2MHz
1MHz
32KHz
34
56
VDD [V]
0
20
40
60
80
100
120
IDD [µA]
8MHz
4MHz
2MHz
1M
32KHz
-20
25
95
T[°C]
10
20
30
40
50
60
70
80
90
IDD [µA]
8MHz
4MHz
2MHz
1MHz
32KHz
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com