Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62P25LN3/CCC Datasheet(PDF) 89 Page - STMicroelectronics

Part # ST62P25LN3/CCC
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62P25LN3/CCC Datasheet(HTML) 89 Page - STMicroelectronics

Back Button ST62P25LN3/CCC Datasheet HTML 85Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 86Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 87Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 88Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 89Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 90Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 91Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 92Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 105 page
background image
ST6215C/ST6225C
89/105
11.11 8-BIT ADC CHARACTERISTICS
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Notes:
1. Unless otherwise specified, typical data are based on TA=25°C and VDD=5V.
2. The ADC refers to VDD and VSS.
3. Any added external serial resistor will downgrade the ADC accuracy (especially for resistance greater than 10k
Ω). Data
based on characterization results, not tested in production.
4. As a stabilization time for the AD converter is required, the first conversion after the enable can be wrong.
Figure 72. Typical Application with ADC
Note: ADC not present on some devices. See device summary on page 1.
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
fOSC
Clock frequency
1.2
fOSC
MHz
VAIN
Conversion range voltage 2)
VSS
VDD
V
RAIN
External input resistor
10 3)
k
Ω
tADC
Total convertion time
fOSC=8MHz
fOSC=4MHz
70
140
µs
tSTAB
Stabilization time 4)
24
tCPU
fOSC=8MHz
3.25
6.5
µs
ADI
Analog input current during conver-
sion
1.0
µA
ACIN
Analog input capacitance
2
5
pF
AINx
ST62XX
VAIN
RAIN
10pF
ADC
10M
Ω
r
≈150Ω
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com