Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62P25LN3/CCC Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST62P25LN3/CCC
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62P25LN3/CCC Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST62P25LN3/CCC Datasheet HTML 62Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 63Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 64Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 65Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 66Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 67Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 68Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 69Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 105 page
background image
ST6215C/ST6225C
66/105
OPERATING CONDITIONS (Cont’d)
11.3.2 Operating Conditions with Low Voltage Detector (LVD)
Subject to general operating conditions for VDD, fOSC, and TA.
Notes:
1. LVD typical data are based on TA=25°C. They are given only as design guidelines and are not tested.
2. The minimum VDD rise time rate is needed to insure a correct device power-on and LVD reset. Not tested in production.
3. Data based on characterization results, not tested in production.
Figure 39. LVD Threshold Versus VDD and fOSC
3)
Figure 40. Typical LVD Thresholds Versus
Temperature for OTP devices
Figure
41.
Typical
LVD
thresholds
vs.
Temperature for ROM devices
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
VIT+
Reset release threshold
(VDD rise)
3.9
4.1
4.3
V
VIT-
Reset generation threshold
(VDD fall)
3.6
3.8
4
Vhys
LVD voltage threshold hysteresis
VIT+-VIT-
50
300
700
mV
VtPOR
VDD rise time rate
2)
mV/s
tg(VDD)
Filtered glitch delay on VDD
3)
Not detected by the LVD
30
ns
fOSC [MHz]
SUPPLY
8
4
0
2.5
3
3.5
4
4.5
5
5.5
FUNCTIONAL AREA
RESET
FUNCTIONALITY
NOT GUARANTEED
IN THIS AREA
VIT-≥3.6
DEVICE UNDER
IN THIS AREA
6
VOLTAGE [V]
-40°C
25°C
95°C
125°C
T [°C]
3.6
3.8
4
4.2
Thresholds [V]
Vdd up
Vdd down
VIT+
VIT-
-40°C
25°C
95°C
125°C
T [°C]
3.6
3.8
4
4.2
Thresholds [V]
Vdd up
Vdd down
VIT+
VIT-
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com