Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62P25LN3/CCC Datasheet(PDF) 91 Page - STMicroelectronics

Part # ST62P25LN3/CCC
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62P25LN3/CCC Datasheet(HTML) 91 Page - STMicroelectronics

Back Button ST62P25LN3/CCC Datasheet HTML 87Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 88Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 89Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 90Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 91Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 92Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 93Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 94Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 105 page
background image
ST6215C/ST6225C
91/105
12 GENERAL INFORMATION
12.1 PACKAGE MECHANICAL DATA
Figure 74. 28-Pin Plastic Dual In-Line Package, 600-mil Width
Figure 75. 28-Pin Plastic Small Outline Package, 300-mil Width
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
6.35
0.250
A1
0.38
0.015
A2
3.18
4.95 0.125
0.195
B
0.36
0.56 0.014
0.022
B1
0.76
1.78 0.030
0.070
C
0.20
0.38 0.008
0.015
D
35.05
39.75 1.380
1.565
D1
0.13
0.005
e
2.54
0.100
eB
17.78
0.700
E
15.24
15.88 0.600
0.625
E1
12.32
14.73 0.485
0.580
L
2.92
5.08 0.115
0.200
Number of Pins
N
28
E
E1
eB
C
L
A
A2
A1
B
B1
D
D1
e
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
2.35
2.65 0.093
0.104
A1
0.10
0.30 0.004
0.012
B
0.33
0.51 0.013
0.020
C
0.23
0.32 0.009
0.013
D
17.70
18.10 0.697
0.713
E
7.40
7.60 0.291
0.299
e
1.27
0.050
H
10.00
10.65 0.394
0.419
h
0.25
0.75 0.010
0.030
α
0°
8°
0°
8°
L
0.40
1.27 0.016
0.050
Number of Pins
N
28
h x 45×
C
L
a
A
A1
e
B
D
H
E
L
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com