Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62P25LN3/CCC Datasheet(PDF) 87 Page - STMicroelectronics

Part # ST62P25LN3/CCC
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62P25LN3/CCC Datasheet(HTML) 87 Page - STMicroelectronics

Back Button ST62P25LN3/CCC Datasheet HTML 83Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 84Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 85Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 86Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 87Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 88Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 89Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 90Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 105 page
background image
ST6215C/ST6225C
87/105
CONTROL PIN CHARACTERISTICS (Cont’d)
Figure 70. Typical Application with RESET pin 8)
11.9.2 NMI Pin
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Notes:
1. Unless otherwise specified, typical data are based on TA=25°C and VDD=5V.
2. Data based on characterization results, not tested in production.
3. Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested.
4. The Rpull-up equivalent resistor is based on a resistive transistor. This data is based on characterization results, not
tested in production.
Figure 71. Typical Rpull-up vs. VDD with VIN=VSS
0.1
µF
VDD
0.1
µF
VDD
4.7k
Ω
EXTERNAL
RESET
CIRCUIT 7)
fINT
RESET
WATCHDOG RESET
LVD RESET
INTERNAL
RESET
RESD
1)
VDD
RPU
STOP MODE
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
VIL
Input low level voltage 2)
0.3xVDD
V
VIH
Input high level voltage 2)
0.7xVDD
Vhys
Schmitt trigger voltage hysteresis 3)
200
400
mV
Rpull-up
Weak pull-up equivalent resistor 4)
VIN=VSS
VDD=5V
40
100
350
k
Ω
VDD=3.3V
80
200
700
34
5
6
VDD [V]
50
100
150
200
250
300
Rpull-up [Kohm]
Ta=-40°C
Ta=25°C
Ta=95°C
Ta=125°C
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com