Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST62P25LN3/CCC Datasheet(PDF) 86 Page - STMicroelectronics

Part # ST62P25LN3/CCC
Description  8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62P25LN3/CCC Datasheet(HTML) 86 Page - STMicroelectronics

Back Button ST62P25LN3/CCC Datasheet HTML 82Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 83Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 84Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 85Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 86Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 87Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 88Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 89Page - STMicroelectronics ST62P25LN3/CCC Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 105 page
background image
ST6215C/ST6225C
86/105
11.9 CONTROL PIN CHARACTERISTICS
11.9.1 Asynchronous RESET Pin
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Notes:
1. Unless otherwise specified, typical data are based on TA=25°C and VDD=5V.
2. Data based on characterization results, not tested in production.
3. Hysteresis voltage between Schmitt trigger switching levels. Based on characterization results, not tested.
4. The RON pull-up equivalent resistor is based on a resistive transistor. This data is based on characterization results,
not tested in production.
5. All short pulse applied on RESET pin with a duration below th(RSTL)in can be ignored.
6. The reset network protects the device against parasitic resets, especially in a noisy environment.
7. The output of the external reset circuit must have an open-drain output to drive the ST6 reset pad. Otherwise the device
can be damaged when the ST6 generates an internal reset (LVD or watchdog).
Figure 69. Typical RON vs VDD with VIN=VSS
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
VIL
Input low level voltage 2)
0.3xVDD
V
VIH
Input high level voltage 2)
0.7xVDD
Vhys
Schmitt trigger voltage hysteresis 3)
200
400
mV
RON
Weak pull-up equivalent resistor 4)
VIN=VSS
VDD=5V
150
350
900
k
Ω
VDD=3.3V
300
730
1900
RESD
ESD resistor protection
VIN=VSS
VDD=5V
2.8
k
Ω
VDD=3.3V
tw(RSTL)out Generated reset pulse duration
External pin or
internal reset sources
tCPU
µs
th(RSTL)in External reset pulse hold time
5)
µs
tg(RSTL)in Filtered glitch duration
6)
ns
34
56
VDD [V]
100
200
300
400
500
600
700
800
900
1000
Ron [Kohm]
Ta=-40°C
Ta=25°C
Ta=95°C
Ta=125°C
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com