Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F241FN Datasheet(PDF) 56 Page - Texas Instruments

Part # TMS320F241FN
Description  DSP CONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F241FN Datasheet(HTML) 56 Page - Texas Instruments

Back Button TMS320F241FN Datasheet HTML 52Page - Texas Instruments TMS320F241FN Datasheet HTML 53Page - Texas Instruments TMS320F241FN Datasheet HTML 54Page - Texas Instruments TMS320F241FN Datasheet HTML 55Page - Texas Instruments TMS320F241FN Datasheet HTML 56Page - Texas Instruments TMS320F241FN Datasheet HTML 57Page - Texas Instruments TMS320F241FN Datasheet HTML 58Page - Texas Instruments TMS320F241FN Datasheet HTML 59Page - Texas Instruments TMS320F241FN Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
TMS320C242
DSP CONTROLLER
SPRS063B – DECEMBER 1997 – REVISED DECEMBER 1999
56
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
10-bit dual analog-to-digital converter (ADC)
The 10-bit ADC has a separate power bus for its analog circuitry. These pins are referred to as VCCA and VSSA.
The power bus isolation is to enhance ADC performance by preventing digital switching noise of the logic
circuitry that can be present on VSS and VCC from coupling into the ADC analog stage. All ADC specifications
are given with respect to VSSA unless otherwise noted.
Resolution
10-bit (1024 values)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Monotonic
Assured
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output conversion mode
000h to 3FFh (000h for VI ≤ VSSA; 3FFh for VI ≥ VCCA)
. . . . . . . . . . . . . . . . . . . . . . .
Conversion time (including sample time)
1
ms
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
recommended operating conditions
MIN
NOM
MAX
UNIT
VCCA
Analog supply voltage
4.5
5
5.5
V
VSSA
Analog ground
0
V
VREFHI
Analog supply reference source†
VREFLO
VCCA
V
VREFLO
Analog ground reference source†
VSSA
VREFHI
V
VAI
Analog input voltage, ADCIN00–ADCIN07
VSSA
VCCA
V
† VREFHI and VREFLO must be stable, within ±1/2 LSB of the required resolution, during the entire conversion time.
ADC operating frequency
MIN
MAX
UNIT
ADC operating frequency
20
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com