Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F241FN Datasheet(PDF) 62 Page - Texas Instruments

Part # TMS320F241FN
Description  DSP CONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F241FN Datasheet(HTML) 62 Page - Texas Instruments

Back Button TMS320F241FN Datasheet HTML 58Page - Texas Instruments TMS320F241FN Datasheet HTML 59Page - Texas Instruments TMS320F241FN Datasheet HTML 60Page - Texas Instruments TMS320F241FN Datasheet HTML 61Page - Texas Instruments TMS320F241FN Datasheet HTML 62Page - Texas Instruments TMS320F241FN Datasheet HTML 63Page - Texas Instruments TMS320F241FN Datasheet HTML 64Page - Texas Instruments TMS320F241FN Datasheet HTML 65Page - Texas Instruments TMS320F241FN Datasheet HTML 66Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 62 / 66 page
background image
TMS320C242
DSP CONTROLLER
SPRS063B – DECEMBER 1997 – REVISED DECEMBER 1999
62
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
register file compilation (continued)
Table 14. Register File Compilation (Continued)
ADDR
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
REG
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
07230h
to
073FFh
Reserved
GENERAL-PURPOSE (GP) TIMER CONFIGURATION CONTROL REGISTERS
07400h
—
T2STAT
T1STAT
—
T2TOADC
T1TOADC(1)
GPTCON
07400h
T1TOADC(0)
TCOMPOE
—
T2PIN
T1PIN
GPTCON
07401h
D15
D14
D13
D12
D11
D10
D9
D8
T1CNT
07401h
D7
D6
D5
D4
D3
D2
D1
D0
T1CNT
07402h
D15
D14
D13
D12
D11
D10
D9
D8
T1CMPR
07402h
D7
D6
D5
D4
D3
D2
D1
D0
T1CMPR
07403h
D15
D14
D13
D12
D11
D10
D9
D8
T1PR
07403h
D7
D6
D5
D4
D3
D2
D1
D0
T1PR
07404h
FREE
SOFT
—
TMODE1
TMODE0
TPS2
TPS1
TPS0
T1CON
07404h
TSWT1
TENABLE
TCLKS1
TCLKS0
TCLD1
TCLD0
TECMPR
SELT1PR
T1CON
07405h
D15
D14
D13
D12
D11
D10
D9
D8
T2CNT
07405h
D7
D6
D5
D4
D3
D2
D1
D0
T2CNT
07406h
D15
D14
D13
D12
D11
D10
D9
D8
T2CMPR
07406h
D7
D6
D5
D4
D3
D2
D1
D0
T2CMPR
07407h
D15
D14
D13
D12
D11
D10
D9
D8
T2PR
07407h
D7
D6
D5
D4
D3
D2
D1
D0
T2PR
07408h
FREE
SOFT
—
TMODE1
TMODE0
TPS2
TPS1
TPS0
T2CON
07408h
TSWT1
TENABLE
TCLKS1
TCLKS0
TCLD1
TCLD0
TECMPR
SELT1PR
T2CON
07409h
to
07410h
Reserved
FULL AND SIMPLE COMPARE UNIT REGISTERS
07411h
CENABLE
CLD1
CLD0
SVENABLE
ACTRLD1
ACTRLD0
FCOMPOE
—
COMCON
07411h
—
—
—
—
—
—
—
—
COMCON
07412h
Reserved
07413h
SVRDIR
D2
D1
D0
CMP6ACT1
CMP6ACT0
CMP5ACT1
CMP5ACT0
ACTR
07413h
CMP4ACT1
CMP4ACT0
CMP3ACT1
CMP3ACT0
CMP2ACT1
CMP2ACT0
CMP1ACT1
CMP1ACT0
ACTR
07414h
Reserved
07414h
Reserved
07415h
—
—
—
—
DBT3
DBT2
DBT1
DBT0
DBTCON
07415h
EDBT3
EDBT2
EDBT1
DBTPS2
DBTPS1
DBTPS0
—
—
DBTCON
07416h
Reserved
07417h
D15
D14
D13
D12
D11
D10
D9
D8
CMPR1
07417h
D7
D6
D5
D4
D3
D2
D1
D0
CMPR1
07418h
D15
D14
D13
D12
D11
D10
D9
D8
CMPR2
07418h
D7
D6
D5
D4
D3
D2
D1
D0
CMPR2
07419h
D15
D14
D13
D12
D11
D10
D9
D8
CMPR3
07419h
D7
D6
D5
D4
D3
D2
D1
D0
CMPR3
0741Ah
to
0741Fh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com