Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F241FN Datasheet(PDF) 57 Page - Texas Instruments

Part # TMS320F241FN
Description  DSP CONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F241FN Datasheet(HTML) 57 Page - Texas Instruments

Back Button TMS320F241FN Datasheet HTML 53Page - Texas Instruments TMS320F241FN Datasheet HTML 54Page - Texas Instruments TMS320F241FN Datasheet HTML 55Page - Texas Instruments TMS320F241FN Datasheet HTML 56Page - Texas Instruments TMS320F241FN Datasheet HTML 57Page - Texas Instruments TMS320F241FN Datasheet HTML 58Page - Texas Instruments TMS320F241FN Datasheet HTML 59Page - Texas Instruments TMS320F241FN Datasheet HTML 60Page - Texas Instruments TMS320F241FN Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 66 page
background image
TMS320C242
DSP CONTROLLER
SPRS063B – DECEMBER 1997 – REVISED DECEMBER 1999
57
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
operating characteristics over recommended operating condition ranges†
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
V5 5 V
Converting
10
mA
ICCA
Analog supply current
VCCA = 5.5 V
Non-converting
2
mA
ICCA
Analog supply current
VCCA = VREFHI = 5.5 V
PLL or OSC power
down
1
mA
C
Analog inp t capacitance
Typical capacitive load on
Non-sampling
10
pF
Cai
Analog input capacitance
Ty ical ca acitive load on
analog input pin
Sampling
30
pF
EDNL
Differential nonlinearity error
Difference between the actual step width and the ideal
value
"2
LSB
EINL
Integral nonlinearity error
Maximum deviation from the best straight line through
the ADC transfer characteristics, excluding the
quantizationerror
"2
LSB
td(PU)
Delay time, power-up to ADC valid
Time to stabilize analog stage after power-up
10
ms
ZAI
Analog input source impedance
Analog input source impedance for conversions to
remain within specifications
10
Ω
† Absoluteresolution=4.89mV.AtVREFHI=5VandVREFLO=0V,thisisoneLSB.AsVREFHIdecreases,VREFLOincreases,orboth,theLSBsize
decreases. Therefore, the absolute accuracy and differential/integral linearity errors in terms of LSBs increase.
ADC input pin circuit
One of the most common A/D application errors is inappropriate source impedance. In practice, minimum
source impedance should be used to limit the error as well as to minimize the required sampling time; however,
the source impedance must be smaller than ZAI. A typical ADC input pin circuit is shown in Figure 31.
VIN
R1
Requiv
VAI
(to ADCINx input)
R1 = 10
Ω typical
Figure 31. Typical ADC Input Pin Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com