Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F241FN Datasheet(PDF) 59 Page - Texas Instruments

Part # TMS320F241FN
Description  DSP CONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F241FN Datasheet(HTML) 59 Page - Texas Instruments

Back Button TMS320F241FN Datasheet HTML 55Page - Texas Instruments TMS320F241FN Datasheet HTML 56Page - Texas Instruments TMS320F241FN Datasheet HTML 57Page - Texas Instruments TMS320F241FN Datasheet HTML 58Page - Texas Instruments TMS320F241FN Datasheet HTML 59Page - Texas Instruments TMS320F241FN Datasheet HTML 60Page - Texas Instruments TMS320F241FN Datasheet HTML 61Page - Texas Instruments TMS320F241FN Datasheet HTML 62Page - Texas Instruments TMS320F241FN Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
TMS320C242
DSP CONTROLLER
SPRS063B – DECEMBER 1997 – REVISED DECEMBER 1999
59
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
register file compilation
Table 14 is a collection of all the programmable registers of the TMS320x24x (provided for a quick reference).
Table 14. Register File Compilation
ADDR
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
REG
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DATA MEMORY SPACE
CPU STATUS REGISTERS
ARP
OV
OVM
1
INTM
DP(8)
ST0
DP(7)
DP(6)
DP(5)
DP(4)
DP(3)
DP(2)
DP(1)
DP(0)
ST0
ARB
CNF
TC
SXM
C
1
ST1
1
1
1
XF
1
1
PM
ST1
GLOBAL MEMORY AND CPU INTERRUPT REGISTERS
00004h
—
—
—
—
—
—
—
—
IMR
00004h
—
—
INT6 MASK
INT5 MASK
INT4 MASK
INT3 MASK
INT2 MASK
INT1 MASK
IMR
00005h
—
—
—
—
—
—
—
—
GREG
00005h
Global Data Memory Configuration Bits (7–0)
GREG
00006h
—
—
—
—
—
—
—
—
IFR
00006h
—
—
INT6 FLAG
INT5 FLAG
INT4 FLAG
INT3 FLAG
INT2 FLAG
INT1 FLAG
IFR
SYSTEM REGISTERS
07010h
Reserved
PIRQR0
07010h
Reserved
PIRQR0
07011h
Reserved
PIRQR1
07011h
Reserved
PIRQR1
07012h
to
07013h
Reserved
07014h
Reserved
PIACKR0
07014h
Reserved
PIACKR0
07015h
Reserved
PIACKR1
07015h
Reserved
PIACKR1
07016h
to
07017h
Reserved
07018h
—
CLKSRC
LPM1
LPM0
—
—
—
—
SCSR
07018h
—
—
—
—
—
—
—
ILLADR
SCSR
07019h
to
0701Bh
Reserved
0701Ch
DIN15
DIN14
DIN13
DIN12
DIN11
DIN10
DIN9
DIN8
DINR
0701Ch
DIN7
DIN6
DIN5
DIN4
DIN3
DIN2
DIN1
DIN0
DINR
0701Dh
Reserved
0701Eh
V15
V14
V13
V12
V11
V10
V9
V8
PIVR
0701Eh
V7
V6
V5
V4
V3
V2
V1
V0
PIVR
0701Fh
Reserved
WD CONTROL REGISTERS
07020h
to
07022h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com