Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 146 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 146 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 142Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 143Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 144Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 145Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 146Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 147Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 148Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 149Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 150Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 198 page
background image
Timer/Pulse-Width Modulator (S08TPMV2)
MC9S08QD4 Series MCU Data Sheet, Rev. 6
146
Freescale Semiconductor
Figure 11-2. TPM Block Diagram
The central component of the TPM is the 16-bit counter that can operate as a free-running counter, a
modulo counter, or an up-/down-counter when the TPM is configured for center-aligned PWM. The TPM
counter (when operating in normal up-counting mode) provides the timing reference for the input capture,
output compare, and edge-aligned PWM functions. The timer counter modulo registers,
TPMxMODH:TPMxMODL, control the modulo value of the counter. (The values 0x0000 or 0xFFFF
effectively make the counter free running.) Software can read the counter value at any time without
affecting the counting sequence. Any write to either byte of the TPMxCNT counter resets the counter
regardless of the data value written.
PRESCALE AND SELECT
16-BIT COMPARATOR
MAIN 16-BIT COUNTER
16-BIT COMPARATOR
16-BIT LATCH
PORT
16-BIT COMPARATOR
16-BIT LATCH
CHANNEL 0
CHANNEL 1
LOGIC
INTERRUPT
PORT
LOGIC
16-BIT COMPARATOR
16-BIT LATCH
CHANNEL n
PORT
LOGIC
COUNTER RESET
DIVIDE BY
CLOCK SOURCE
OFF, BUS, XCLK, EXT
BUSCLK
XCLK
SELECT
SYNC
INTERRUPT
INTERRUPT
INTERRUPT
1, 2, 4, 8, 16, 32, 64, or 128
LOGIC
LOGIC
LOGIC
LOGIC
CLKSA
CLKSB
PS2
PS1
PS0
CPWMS
TOIE
TOF
ELS0A
CH0F
ELS0B
ELS1B
ELS1A
ELSnB
ELSnA
CH1F
CHnF
CH0IE
CH1IE
CHnIE
MS1B
MS0B
MSnB
MS0A
MS1A
MSnA
TPMxMODH:TPMxMO
TPMxC0VH:TPMxC0VL
TPMxC1VH:TPMxC1VL
TPMxCnVH:TPMxCnVL
TPMxCHn
TPMxCH1
TPMxCH0
TPMxCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com