Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 149 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 149 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 145Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 146Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 147Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 148Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 149Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 150Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 151Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 152Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 153Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 198 page
background image
Timer/Pulse-Width Modulator (S08TPMV2)
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
149
11.3.2
Timer Counter Registers (TPMxCNTH:TPMxCNTL)
The two read-only TPM counter registers contain the high and low bytes of the value in the TPM counter.
Reading either byte (TPMxCNTH or TPMxCNTL) latches the contents of both bytes into a buffer where
they remain latched until the other byte is read. This allows coherent 16-bit reads in either order. The
coherency mechanism is automatically restarted by an MCU reset, a write of any value to TPMxCNTH or
TPMxCNTL, or any write to the timer status/control register (TPMxSC).
Reset clears the TPM counter registers.
Table 11-2. TPM Clock Source Selection
CLKSB:CLKSA
TPM Clock Source to Prescaler Input
0:0
No clock selected (TPMx disabled)
0:1
Bus rate clock (BUSCLK)
1:0
Fixed system clock (XCLK)
1:1
External source (TPMxCLK)1,2
1 The maximum frequency that is allowed as an external clock is one-fourth of the bus
frequency.
2 If the external clock input is shared with channel n and is selected as the TPM clock source,
the corresponding ELSnB:ELSnA control bits must be set to 0:0 so channel n does not try to
use the same pin for a conflicting function.
Table 11-3. Prescale Divisor Selection
PS2:PS1:PS0
TPM Clock Source Divided-By
0:0:0
1
0:0:1
2
0:1:0
4
0:1:1
8
1:0:0
16
1:0:1
32
1:1:0
64
1:1:1
128
76
54
321
0
R
Bit 15
14
13
12
11
10
9
Bit 8
W
Any write to TPMxCNTH clears the 16-bit counter.
Reset
000
00
000
Figure 11-4. Timer Counter Register High (TPMxCNTH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com