Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 151 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 151 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 147Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 148Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 149Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 150Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 151Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 152Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 153Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 154Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 155Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 198 page
background image
Timer/Pulse-Width Modulator (S08TPMV2)
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
151
11.3.4
Timer Channel n Status and Control Register (TPMxCnSC)
TPMxCnSC contains the channel interrupt status flag and control bits that are used to configure the
interrupt enable, channel configuration, and pin function.
76
54
321
0
R
CHnF
CHnIE
MSnB
MSnA
ELSnB
ELSnA
00
W
Reset
000
00
000
= Unimplemented or Reserved
Figure 11-8. Timer Channel n Status and Control Register (TPMxCnSC)
Table 11-4. TPMxCnSC Register Field Descriptions
Field
Description
7
CHnF
Channel n Flag — When channel n is configured for input capture, this flag bit is set when an active edge occurs
on the channel n pin. When channel n is an output compare or edge-aligned PWM channel, CHnF is set when
the value in the TPM counter registers matches the value in the TPM channel n value registers. This flag is
seldom used with center-aligned PWMs because it is set every time the counter matches the channel value
register, which correspond to both edges of the active duty cycle period.
A corresponding interrupt is requested when CHnF is set and interrupts are enabled (CHnIE = 1). Clear CHnF
by reading TPMxCnSC while CHnF is set and then writing a 0 to CHnF. If another interrupt request occurs before
the clearing sequence is complete, the sequence is reset so CHnF would remain set after the clear sequence
was completed for the earlier CHnF. This is done so a CHnF interrupt request cannot be lost by clearing a
previous CHnF. Reset clears CHnF. Writing a 1 to CHnF has no effect.
0 No input capture or output compare event occurred on channel n
1 Input capture or output compare event occurred on channel n
6
CHnIE
Channel n Interrupt Enable — This read/write bit enables interrupts from channel n. Reset clears CHnIE.
0 Channel n interrupt requests disabled (use software polling)
1 Channel n interrupt requests enabled
5
MSnB
Mode Select B for TPM Channel n — When CPWMS = 0, MSnB = 1 configures TPM channel n for
edge-aligned PWM mode. For a summary of channel mode and setup controls, refer to Table 11-5.
4
MSnA
Mode Select A for TPM Channel n — When CPWMS = 0 and MSnB = 0, MSnA configures TPM channel n for
input capture mode or output compare mode. Refer to Table 11-5 for a summary of channel mode and setup
controls.
3:2
ELSn[B:A]
Edge/Level Select Bits — Depending on the operating mode for the timer channel as set by
CPWMS:MSnB:MSnA and shown in Table 11-5, these bits select the polarity of the input edge that triggers an
input capture event, select the level that will be driven in response to an output compare match, or select the
polarity of the PWM output.
Setting ELSnB:ELSnA to 0:0 configures the related timer pin as a general-purpose I/O pin unrelated to any timer
channel functions. This function is typically used to temporarily disable an input capture channel or to make the
timer pin available as a general-purpose I/O pin when the associated timer channel is set up as a software timer
that does not require the use of a pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com