Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08QD2CSC Datasheet(PDF) 147 Page - Freescale Semiconductor, Inc

Part # S9S08QD2CSC
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S9S08QD2CSC Datasheet(HTML) 147 Page - Freescale Semiconductor, Inc

Back Button S9S08QD2CSC Datasheet HTML 143Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 144Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 145Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 146Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 147Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 148Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 149Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 150Page - Freescale Semiconductor, Inc S9S08QD2CSC Datasheet HTML 151Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 198 page
background image
Timer/Pulse-Width Modulator (S08TPMV2)
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
147
All TPM channels are programmable independently as input capture, output compare, or buffered
edge-aligned PWM channels.
11.2
External Signal Description
When any pin associated with the timer is configured as a timer input, a passive pullup can be enabled.
After reset, the TPM modules are disabled and all pins default to general-purpose inputs with the passive
pullups disabled.
11.2.1
External TPM Clock Sources
When control bits CLKSB:CLKSA in the timer status and control register are set to 1:1, the prescaler and
consequently the 16-bit counter for TPMx are driven by an external clock source, TPMxCLK, connected
to an I/O pin. A synchronizer is needed between the external clock and the rest of the TPM. This
synchronizer is clocked by the bus clock so the frequency of the external source must be less than one-half
the frequency of the bus rate clock. The upper frequency limit for this external clock source is specified to
be one-fourth the bus frequency to conservatively accommodate duty cycle and phase-locked loop (PLL)
or frequency-locked loop (FLL) frequency jitter effects.
On some devices the external clock input is shared with one of the TPM channels. When a TPM channel
is shared as the external clock input, the associated TPM channel cannot use the pin. (The channel can still
be used in output compare mode as a software timer.) Also, if one of the TPM channels is used as the
external clock input, the corresponding ELSnB:ELSnA control bits must be set to 0:0 so the channel is not
trying to use the same pin.
11.2.2
TPMxCHn — TPMx Channel n I/O Pins
Each TPM channel is associated with an I/O pin on the MCU. The function of this pin depends on the
configuration of the channel. In some cases, no pin function is needed so the pin reverts to being controlled
by general-purpose I/O controls. When a timer has control of a port pin, the port data and data direction
registers do not affect the related pin(s). See the Pins and Connections chapter for additional information
about shared pin functions.
11.3
Register Definition
The TPM includes:
•
An 8-bit status and control register (TPMxSC)
•
A 16-bit counter (TPMxCNTH:TPMxCNTL)
•
A 16-bit modulo register (TPMxMODH:TPMxMODL)
Each timer channel has:
•
An 8-bit status and control register (TPMxCnSC)
•
A 16-bit channel value register (TPMxCnVH:TPMxCnVL)
Refer to the direct-page register summary in the Memory chapter of this data sheet for the absolute address
assignments for all TPM registers. This section refers to registers and control bits only by their names. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com