| Electronic Components Datasheet Search |
|
S9S08QD2CSC Datasheet(PDF) 150 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S9S08QD2CSC Datasheet(HTML) 150 Page - Freescale Semiconductor, Inc |
|
150 / 198 page ![]() Timer/Pulse-Width Modulator (S08TPMV2) MC9S08QD4 Series MCU Data Sheet, Rev. 6 150 Freescale Semiconductor When background mode is active, the timer counter and the coherency mechanism are frozen such that the buffer latches remain in the state they were in when the background mode became active even if one or both bytes of the counter are read while background mode is active. 11.3.3 Timer Counter Modulo Registers (TPMxMODH:TPMxMODL) The read/write TPM modulo registers contain the modulo value for the TPM counter. After the TPM counter reaches the modulo value, the TPM counter resumes counting from 0x0000 at the next clock (CPWMS = 0) or starts counting down (CPWMS = 1), and the overflow flag (TOF) becomes set. Writing to TPMxMODH or TPMxMODL inhibits TOF and overflow interrupts until the other byte is written. Reset sets the TPM counter modulo registers to 0x0000, which results in a free-running timer counter (modulo disabled). It is good practice to wait for an overflow interrupt so both bytes of the modulo register can be written well before a new overflow. An alternative approach is to reset the TPM counter before writing to the TPM modulo registers to avoid confusion about when the first counter overflow will occur. 76 54 321 0 R Bit 7 6 54 32 1 Bit 0 W Any write to TPMxCNTL clears the 16-bit counter. Reset 000 00 000 Figure 11-5. Timer Counter Register Low (TPMxCNTL) 76 54 321 0 R Bit 15 14 13 12 11 10 9 Bit 8 W Reset 000 00 000 Figure 11-6. Timer Counter Modulo Register High (TPMxMODH) 76 54 321 0 R Bit 7 6 54 32 1 Bit 0 W Reset 000 00 000 Figure 11-7. Timer Counter Modulo Register Low (TPMxMODL) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |