Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F562TADDFM Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # R5F562TADDFM
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562TADDFM Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button R5F562TADDFM Datasheet HTML 34Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 35Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 36Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 37Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 38Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 39Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 40Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 41Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 38 of 92
Apr 20, 2011
RX62T Group
4. I/O Registers
0008 7197h
ICU
DTC activation enable register 151
DTCER151
8
8
2ICLK
0008 7198h
ICU
DTC activation enable register 152
DTCER152
8
8
2ICLK
0008 7199h
ICU
DTC activation enable register 153
DTCER153
8
8
2ICLK
0008 71AEh
ICU
DTC activation enable register 174
DTCER174
8
8
2ICLK
0008 71AFh
ICU
DTC activation enable register 175
DTCER175
8
8
2ICLK
0008 71B0h
ICU
DTC activation enable register 176
DTCER176
8
8
2ICLK
0008 71B1h
ICU
DTC activation enable register 177
DTCER177
8
8
2ICLK
0008 71B2h
ICU
DTC activation enable register 178
DTCER178
8
8
2ICLK
0008 71B3h
ICU
DTC activation enable register 179
DTCER179
8
8
2ICLK
0008 71B4h
ICU
DTC activation enable register 180
DTCER180
8
8
2ICLK
0008 71B5h
ICU
DTC activation enable register 181
DTCER181
8
8
2ICLK
0008 71B6h
ICU
DTC activation enable register 182
DTCER182
8
8
2ICLK
0008 71B7h
ICU
DTC activation enable register 183
DTCER183
8
8
2ICLK
0008 71B8h
ICU
DTC activation enable register 184
DTCER184
8
8
2ICLK
0008 71BAh
ICU
DTC activation enable register 186
DTCER186
8
8
2ICLK
0008 71BBh
ICU
DTC activation enable register 187
DTCER187
8
8
2ICLK
0008 71BCh
ICU
DTC activation enable register 188
DTCER188
8
8
2ICLK
0008 71BDh
ICU
DTC activation enable register 189
DTCER189
8
8
2ICLK
0008 71BEh
ICU
DTC activation enable register 190
DTCER190
8
8
2ICLK
0008 71C0h
ICU
DTC activation enable register 192
DTCER192
8
8
2ICLK
0008 71C1h
ICU
DTC activation enable register 193
DTCER193
8
8
2ICLK
0008 71C2h
ICU
DTC activation enable register 194
DTCER194
8
8
2ICLK
0008 71C3h
ICU
DTC activation enable register 195
DTCER195
8
8
2ICLK
0008 71C4h
ICU
DTC activation enable register 196
DTCER196
8
8
2ICLK
0008 71D7h
ICU
DTC activation enable register 215
DTCER215
8
8
2ICLK
0008 71D8h
ICU
DTC activation enable register 216
DTCER216
8
8
2ICLK
0008 71DBh
ICU
DTC activation enable register 219
DTCER219
8
8
2ICLK
0008 71DCh
ICU
DTC activation enable register 220
DTCER220
8
8
2ICLK
0008 71DFh
ICU
DTC activation enable register 223
DTCER223
8
8
2ICLK
0008 71E0h
ICU
DTC activation enable register 224
DTCER224
8
8
2ICLK
0008 71F7h
ICU
DTC activation enable register 247
DTCER247
8
8
2ICLK
0008 71F8h
ICU
DTC activation enable register 248
DTCER248
8
8
2ICLK
0008 71FEh
ICU
DTC activation enable register 254
DTCER254
8
8
2ICLK
0008 7202h
ICU
Interrupt request enable register 02
IER02
8
8
2ICLK
0008 7203h
ICU
Interrupt request enable register 03
IER03
8
8
2ICLK
0008 7205h
ICU
Interrupt request enable register 05
IER05
8
8
2ICLK
0008 7207h
ICU
Interrupt request enable register 07
IER07
8
8
2ICLK
0008 7208h
ICU
Interrupt request enable register 08
IER08
8
8
2ICLK
0008 720Ch
ICU
Interrupt request enable register 0C
IER0C
8
8
2ICLK
0008 720Dh
ICU
Interrupt request enable register 0D
IER0D
8
8
2ICLK
0008 720Eh
ICU
Interrupt request enable register 0E
IER0E
8
8
2ICLK
0008 720Fh
ICU
Interrupt request enable register 0F
IER0F
8
8
2ICLK
0008 7210h
ICU
Interrupt request enable register 10
IER10
8
8
2ICLK
0008 7211h
ICU
Interrupt request enable register 11
IER11
8
8
2ICLK
Table 4.1
List of I/O Registers (Address Order) (5 / 23)
Address
Module
Abbreviation
Register Name
Register
Abbreviation
Number
of Bits
Access
Size
Number of
Access
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com