Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F562TADDFM Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # R5F562TADDFM
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562TADDFM Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button R5F562TADDFM Datasheet HTML 22Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 23Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 24Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 25Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 26Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 27Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 28Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 29Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 26 of 92
Apr 20, 2011
RX62T Group
1. Overview
1.5
Pin Functions
Table 1.8 lists the pin functions.
Table 1.8
Pin Functions (1 / 4)
Classifications
Pin Name
I/O
Description
Power supply
VCC
Input
Power supply pin. Connect it to the system power supply.
VCL
Input
Connect this pin to VSS via a 0.1-
F capacitor. The capacitor
should be placed close to the pin.
VSS
Input
Ground pin. Connect it to the system power supply (0 V).
PLLVCC
Input
Power supply pin for the PLL circuit. Connect it to the system
power supply.
PLLVSS
Input
Ground pin for the PLL circuit.
Clock
XTAL
Output
Pins for a crystal resonator. An external clock signal can be
input through the EXTAL pin.
EXTAL
Input
Operating mode control
MD0
MD1
MDE
Input
Pins for setting the operating mode. The signal levels on these
pins must not be changed during operation.
System control
RES#
Input
Reset signal input pin. This LSI enters the reset state when this
signal goes low.
EMLE
Input
Input pin for the on-chip emulator enable signal. When the on-
chip emulator is used, this pin should be driven high. When not
used, it should be driven low.
On-chip emulator
TRST#
Input
On-chip emulator pins. When the EMLE pin is driven high,
these pins are dedicated for the on-chip emulator.
TMS
Input
TDI
Input
TCK
Input
TDO
Output
TRCLK
Output
This pin outputs the clock for synchronization with the trace
data. Not included in the 80-/64-pin versions.
TRSYNC
Output
This pin indicates that output from the TRDATA0 to TRDATA3
pins is valid. Not included in the 80-/64-pin versions.
TRDATA0 to TRDATA3
Output
These pins output the trace information. Not included in the 80-
/64-pin versions.
Interrupt (ICU)
NMI
Input
Non-maskable interrupt request signal.
IRQ0-A/IRQ0-B/IRQ0-C
IRQ1-A/IRQ1-B/IRQ1-C
IRQ2-A/IRQ2-B
IRQ3 to IRQ7
Input
Interrupt request signals. The IRQ0-C/IRQ1-C/IRQ2-B pin is not
included in the 100-pin version. The IRQ0-B/IRQ0-C/IRQ1-C/
IRQ2-B pin is not included in the 80-pin version. The IRQ0-B/
IRQ0-C/IRQ1-B/IRQ1-/IRQ2-A/IRQ2-B/IRQ4/IRQ6/IRQ7 pin is not
included in the 64-pin version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com