Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F562TADDFM Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # R5F562TADDFM
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562TADDFM Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button R5F562TADDFM Datasheet HTML 39Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 40Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 41Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 42Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 43Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 44Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 45Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 46Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 43 of 92
Apr 20, 2011
RX62T Group
4. I/O Registers
0008 8308h
RIIC
I2C bus status register 1
ICSR1
8
8
2 to 3PCLK*5
0008 8309h
RIIC
I2C bus status register 2
ICSR2
8
8
2 to 3PCLK*5
0008 830Ah
RIIC
Slave address register L0
SARL0
8
8
2 to 3PCLK*5
0008 830Bh
RIIC
Slave address register U0
SARU0
8
8
2 to 3PCLK*5
0008 830Ch
RIIC
Slave address register L1
SARL1
8
8
2 to 3PCLK*5
0008 830Dh
RIIC
Slave address register U1
SARU1
8
8
2 to 3PCLK*5
0008 830Eh
RIIC
Slave address register L2
SARL2
8
8
2 to 3PCLK*5
0008 830Fh
RIIC
Slave address register U2
SARU2
8
8
2 to 3PCLK*5
0008 8310h
RIIC
I2C bus bit rate low-level register
ICBRL
8
8
2 to 3PCLK*5
0008 8311h
RIIC
I2C bus bit rate high-level register
ICBRH
8
8
2 to 3PCLK*5
0008 8312h
RIIC
I2C bus transmit data register
ICDRT
8
8
2 to 3PCLK*5
0008 8313h
RIIC
I2C bus receive data register
ICDRR
8
8
2 to 3PCLK*5
0008 8380h
RSPI
RSPI control register
SPCR
8
8
2 to 3PCLK*5
0008 8381h
RSPI
RSPI slave select polarity register
SSLP
8
8
2 to 3PCLK*5
0008 8382h
RSPI
RSPI pin control register
SPPCR
8
8
2 to 3PCLK*5
0008 8383h
RSPI
RSPI status register
SPSR
8
8
2 to 3PCLK*5
0008 8384h
RSPI
RSPI data register
SPDR
16, 32
16, 32
2 to 3PCLK*5
0008 8388h
RSPI
RSPI sequence control register
SPSCR
8
8
2 to 3PCLK*5
0008 8389h
RSPI
RSPI sequence status register
SPSSR
8
8
2 to 3PCLK*5
0008 838Ah
RSPI
RSPI bit rate register
SPBR
8
8
2 to 3PCLK*5
0008 838Bh
RSPI
RSPI data control register
SPDCR
8
8
2 to 3PCLK*5
0008 838Ch
RSPI
RSPI clock delay register
SPCKD
8
8
2 to 3PCLK*5
0008 838Dh
RSPI
RSPI slave select negation delay register
SSLND
8
8
2 to 3PCLK*5
0008 838Eh
RSPI
RSPI next-access delay register
SPND
8
8
2 to 3PCLK*5
0008 838Fh
RSPI
RSPI control register 2
SPCR2
8
8
2 to 3PCLK*5
0008 8390h
RSPI
RSPI command register 0
SPCMD0
16
16
2 to 3PCLK*5
0008 8392h
RSPI
RSPI command register 1
SPCMD1
16
16
2 to 3PCLK*5
0008 8394h
RSPI
RSPI command register 2
SPCMD2
16
16
2 to 3PCLK*5
0008 8396h
RSPI
RSPI command register 3
SPCMD3
16
16
2 to 3PCLK*5
0008 8398h
RSPI
RSPI command register 4
SPCMD4
16
16
2 to 3PCLK*5
0008 839Ah
RSPI
RSPI command register 5
SPCMD5
16
16
2 to 3PCLK*5
0008 839Ch
RSPI
RSPI command register 6
SPCMD6
16
16
2 to 3PCLK*5
0008 839Eh
RSPI
RSPI command register 7
SPCMD7
16
16
2 to 3PCLK*5
0008 9000h
S12AD0
A/D control register
ADCSR
8
8
2 to 3PCLK*5
0008 9004h
S12AD0
A/D channel select register
ADANS
16
16
2 to 3PCLK*5
0008 900Ah
S12AD0
A/D programmable gain amplifier register
ADPG
16
16
2 to 3PCLK*5
0008 900Eh
S12AD0
A/D control extended register
ADCER
16
16
2 to 3PCLK*5
0008 9010h
S12AD0
A/D start trigger select register
ADSTRGR
16
16
2 to 3PCLK*5
0008 9012h
S12AD
Comparator operating mode select register 0
ADCMPMD0
16
16
2 to 3PCLK*5
0008 9014h
S12AD
Comparator operating mode select register 1
ADCMPMD1
16
16
2 to 3PCLK*5
0008 9016h
S12AD
Comparator filter mode register 0
ADCMPNR0
16
16
2 to 3PCLK*5
0008 9018h
S12AD
Comparator filter mode register 1
ADCMPNR1
16
16
2 to 3PCLK*5
0008 901Ah
S12AD
Comparator detection flag register
ADCMPFR
8
8
2 to 3PCLK*5
0008 901Ch
S12AD
Comparator interrupt select register
ADCMPSEL
16
16
2 to 3PCLK*5
Table 4.1
List of I/O Registers (Address Order) (10 / 23)
Address
Module
Abbreviation
Register Name
Register
Abbreviation
Number
of Bits
Access
Size
Number of
Access
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com