Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F562TADDFM Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # R5F562TADDFM
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562TADDFM Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button R5F562TADDFM Datasheet HTML 84Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 85Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 86Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 87Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 88Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 89Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 90Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 91Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 88 of 92
Apr 20, 2011
RX62T Group
Appendix 1. Package Dimensions
Appendix 1.
Package Dimensions
Figure A 112-Pin LQFP (PLQP0112JA-A) Package Dimensions
x
*1
*3
F
112
85
84
57
56
29
28
1
Index mark
y
ZD
HD
D
bp
Detail F
L
L1
INCLUDE TRIM OFFSET.
DIMENSION "*3" DOES NOT
NOTE)
DO NOT INCLUDE MOLD FLASH.
DIMENSIONS "*1" AND "*2"
1.
2.
L1
ZE
ZD
c1
b1
bp
A1
HE
HD
y
0.10
e
0.65
c
0°
8°
x
L
0.35
0.5
0.65
0.05
0.1
0.15
A
1.7
21.8
22.0
22.2
21.8
22.0
22.2
A2
1.4
E
19.9
20.0
20.1
D
19.9
20.0
20.1
Reference
Symbol
Dimension in Millimeters
Min
Nom
Max
0.27
0.32
0.37
0.09 0.145 0.20
0.13
1.225
1.225
0.30
0.125
1.0
P-LQFP112-20x20-0.65
1.2g
MASS[Typ.]
FP-112E / FP-112EV
PLQP0112JA-A
RENESAS Code
JEITA Package Code
Previous Code
Terminal cross section
bp
b1
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com