Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F562TADDFM Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # R5F562TADDFM
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562TADDFM Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button R5F562TADDFM Datasheet HTML 48Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 49Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 50Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 51Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 52Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 53Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 54Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 55Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 52 of 92
Apr 20, 2011
RX62T Group
4. I/O Registers
000C 1C96h
MTU5
Timer I/O control register V
TIORV
8
8
5ICLK
000C 1CA0h
MTU5
Timer counter W
TCNTW
16
16, 32
5ICLK
000C 1CA2h
MTU5
Timer general register W
TGRW
16
16
5ICLK
000C 1CA4h
MTU5
Timer control register W
TCRW
8
8
5ICLK
000C 1CA6h
MTU5
Timer I/O control register W
TIORW
8
8
5ICLK
000C 1CB0h
MTU5
Timer status register
TSR
8
8
5ICLK
000C 1CB2h
MTU5
Timer interrupt enable register
TIER
8
8
5ICLK
000C 1CB4h
MTU5
Timer start register
TSTR
8
8
5ICLK
000C 1CB6h
MTU5
Timer compare match clear register
TCNTCMPC
LR
8
8
5ICLK
000C 2000h
GPT
General PWM timer software start register
GTSTR
16
8, 16, 32
3 to 5ICLK*6
000C 2004h
GPT
General PWM timer hardware source start
control register
GTHSCR
16
8, 16, 32
3 to 5ICLK*6
000C 2006h
GPT
General PWM timer hardware source clear
control register
GTHCCR
16
8, 16, 32
3 to 5ICLK*6
000C 2008h
GPT
General PWM timer hardware start source
select register
GTHSSR
16
8, 16, 32
3 to 5ICLK*6
000C 200Ah
GPT
General PWM timer hardware stop/clear source
select register
GTHPSR
16
8, 16, 32
3 to 5ICLK*6
000C 200Ch
GPT
General PWM timer write-protection register
GTWP
16
8, 16, 32
3 to 5ICLK*6
000C 200Eh
GPT
General PWM timer sync register
GTSYNC
16
8, 16, 32
3 to 5ICLK*6
000C 2010h
GPT
General PWM timer external trigger input
interrupt register
GTETINT
16
8, 16, 32
3 to 5ICLK*6
000C 2014h
GPT
General PWM timer buffer operation disable
register
GTBDR
16
8, 16, 32
3 to 5ICLK*6
000C 2080h
GPT
LOCO count control register
LCCR
16
8, 16, 32
3 to 5ICLK*6
000C 2082h
GPT
LOCO count status register
LCST
16
8, 16, 32
3 to 5ICLK*6
000C 2084h
GPT
LOCO count value register
LCNT
16
8, 16, 32
3 to 5ICLK*6
000C 2086h
GPT
LOCO count result average register
LCNTA
16
8, 16, 32
3 to 5ICLK*6
000C 2088h
GPT
LOCO count result register 0
LCNT00
16
8, 16, 32
3 to 5ICLK*6
000C 208Ah
GPT
LOCO count result register 1
LCNT01
16
8, 16, 32
3 to 5ICLK*6
000C 208Ch
GPT
LOCO count result register 2
LCNT02
16
8, 16, 32
3 to 5ICLK*6
000C 208Eh
GPT
LOCO count result register 3
LCNT03
16
8, 16, 32
3 to 5ICLK*6
000C 2090h
GPT
LOCO count result register 4
LCNT04
16
8, 16, 32
3 to 5ICLK*6
000C 2092h
GPT
LOCO count result register 5
LCNT05
16
8, 16, 32
3 to 5ICLK*6
000C 2094h
GPT
LOCO count result register 6
LCNT06
16
8, 16, 32
3 to 5ICLK*6
000C 2096h
GPT
LOCO count result register 7
LCNT07
16
8, 16, 32
3 to 5ICLK*6
'000C 2098h
GPT
LOCO count result register 8
LCNT08
16
8, 16, 32
3 to 5ICLK*6
000C 209Ah
GPT
LOCO count result register 9
LCNT09
16
8, 16, 32
3 to 5ICLK*6
000C 209Ch
GPT
LOCO count result register 10
LCNT10
16
8, 16, 32
3 to 5ICLK*6
000C 209Eh
GPT
LOCO count result register 11
LCNT11
16
8, 16, 32
3 to 5ICLK*6
000C 20A0h
GPT
LOCO count result register 12
LCNT12
16
8, 16, 32
3 to 5ICLK*6
000C 20A2h
GPT
LOCO count result register 13
LCNT13
16
8, 16, 32
3 to 5ICLK*6
000C 20A4h
GPT
LOCO count result register 14
LCNT14
16
8, 16, 32
3 to 5ICLK*6
000C 20A6h
GPT
LOCO count result register 15
LCNT15
16
8, 16, 32
3 to 5ICLK*6
000C 20A8h
GPT
LOCO count upper permissible deviation
register
LCNTDU
16
8, 16, 32
3 to 5ICLK*6
Table 4.1
List of I/O Registers (Address Order) (19 / 23)
Address
Module
Abbreviation
Register Name
Register
Abbreviation
Number
of Bits
Access
Size
Number of
Access
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com