Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F562TADDFM Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # R5F562TADDFM
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562TADDFM Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button R5F562TADDFM Datasheet HTML 36Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 37Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 38Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 39Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 40Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 41Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 42Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 43Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 40 of 92
Apr 20, 2011
RX62T Group
4. I/O Registers
0008 735Ah
ICU
Interrupt source priority register 5A
IPR5A
8
8
2ICLK
0008 735Bh
ICU
Interrupt source priority register 5B
IPR5B
8
8
2ICLK
0008 735Ch
ICU
Interrupt source priority register 5C
IPR5C
8
8
2ICLK
0008 735Dh
ICU
Interrupt source priority register 5D
IPR5D
8
8
2ICLK
0008 735Eh
ICU
Interrupt source priority register 5E
IPR5E
8
8
2ICLK
0008 735Fh
ICU
Interrupt source priority register 5F
IPR5F
8
8
2ICLK
0008 7360h
ICU
Interrupt source priority register 60
IPR60
8
8
2ICLK
0008 7367h
ICU
Interrupt source priority register 67
IPR67
8
8
2ICLK
0008 7368h
ICU
Interrupt source priority register 68
IPR68
8
8
2ICLK
0008 7369h
ICU
Interrupt source priority register 69
IPR69
8
8
2ICLK
0008 736Ah
ICU
Interrupt source priority register 6A
IPR6A
8
8
2ICLK
0008 736Bh
ICU
Interrupt source priority register 6B
IPR6B
8
8
2ICLK
0008 736Ch
ICU
Interrupt source priority register 6C
IPR6C
8
8
2ICLK
0008 736Dh
ICU
Interrupt source priority register 6D
IPR6D
8
8
2ICLK
0008 736Eh
ICU
Interrupt source priority register 6E
IPR6E
8
8
2ICLK
0008 736Fh
ICU
Interrupt source priority register 6F
IPR6F
8
8
2ICLK
0008 7380h
ICU
Interrupt source priority register 80
IPR80
8
8
2ICLK
0008 7381h
ICU
Interrupt source priority register 81
IPR81
8
8
2ICLK
0008 7382h
ICU
Interrupt source priority register 82
IPR82
8
8
2ICLK
0008 7388h
ICU
Interrupt source priority register 88
IPR88
8
8
2ICLK
0008 7389h
ICU
Interrupt source priority register 89
IPR89
8
8
2ICLK
0008 738Ah
ICU
Interrupt source priority register 8A
IPR8A
8
8
2ICLK
0008 738Bh
ICU
Interrupt source priority register 8B
IPR8B
8
8
2ICLK
0008 7390h
ICU
Interrupt source priority register 90
IPR90
8
8
2ICLK
0008 7500h
ICU
IRQ control register 0
IRQCR0
8
8
2ICLK
0008 7501h
ICU
IRQ control register 1
IRQCR1
8
8
2ICLK
0008 7502h
ICU
IRQ control register 2
IRQCR2
8
8
2ICLK
0008 7503h
ICU
IRQ control register 3
IRQCR3
8
8
2ICLK
0008 7504h
ICU
IRQ control register 4
IRQCR4
8
8
2ICLK
0008 7505h
ICU
IRQ control register 5
IRQCR5
8
8
2ICLK
0008 7506h
ICU
IRQ control register 6
IRQCR6
8
8
2ICLK
0008 7507h
ICU
IRQ control register 7
IRQCR7
8
8
2ICLK
0008 7580h
ICU
Non-maskable interrupt status register
NMISR
8
8
2ICLK
0008 7581h
ICU
Non-maskable interrupt enable register
NMIER
8
8
2ICLK
0008 7582h
ICU
Non-maskable interrupt clear register
NMICLR
8
8
2ICLK
0008 7583h
ICU
NMI pin interrupt control register
NMICR
8
8
2ICLK
0008 8000h
CMT
Compare match timer start register 0
CMSTR0
16
16
2 to 3PCLK*5
0008 8002h
CMT0
Compare match timer control register
CMCR
16
16
2 to 3PCLK*5
0008 8004h
CMT0
Compare match timer counter
CMCNT
16
16
2 to 3PCLK*5
0008 8006h
CMT0
Compare match timer constant register
CMCOR
16
16
2 to 3PCLK*5
0008 8008h
CMT1
Compare match timer control register
CMCR
16
16
2 to 3PCLK*5
0008 800Ah
CMT1
Compare match timer counter
CMCNT
16
16
2 to 3PCLK*5
0008 800Ch
CMT1
Compare match timer constant register
CMCOR
16
16
2 to 3PCLK*5
0008 8010h
CMT
Compare match timer start register 1
CMSTR1
16
16
2 to 3PCLK*5
Table 4.1
List of I/O Registers (Address Order) (7 / 23)
Address
Module
Abbreviation
Register Name
Register
Abbreviation
Number
of Bits
Access
Size
Number of
Access
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com