Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F562TADDFM Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # R5F562TADDFM
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562TADDFM Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button R5F562TADDFM Datasheet HTML 42Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 43Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 44Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 45Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 46Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 47Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 48Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 49Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 46 of 92
Apr 20, 2011
RX62T Group
4. I/O Registers
0008 C28Ch
SYSTEM
Key code register for low-voltage detection
control register
LVDKEYR
8
8
4 to 5PCLK*5
0008 C28Dh
SYSTEM
Voltage detection control register
LVDCR
8
8
4 to 5PCLK*5
0008 C290h
SYSTEM
Deep standby backup register 0
DPSBKR0
8
8
4 to 5PCLK*5
0008 C291h
SYSTEM
Deep standby backup register 1
DPSBKR1
8
8
4 to 5PCLK*5
0008 C292h
SYSTEM
Deep standby backup register 2
DPSBKR2
8
8
4 to 5PCLK*5
0008 C293h
SYSTEM
Deep standby backup register 3
DPSBKR3
8
8
4 to 5PCLK*5
0008 C294h
SYSTEM
Deep standby backup register 4
DPSBKR4
8
8
4 to 5PCLK*5
0008 C295h
SYSTEM
Deep standby backup register 5
DPSBKR5
8
8
4 to 5PCLK*5
0008 C296h
SYSTEM
Deep standby backup register 6
DPSBKR6
8
8
4 to 5PCLK*5
0008 C297h
SYSTEM
Deep standby backup register 7
DPSBKR7
8
8
4 to 5PCLK*5
0008 C298h
SYSTEM
Deep standby backup register 8
DPSBKR8
8
8
4 to 5PCLK*5
0008 C299h
SYSTEM
Deep standby backup register 9
DPSBKR9
8
8
4 to 5PCLK*5
0008 C29Ah
SYSTEM
Deep standby backup register 10
DPSBKR10
8
8
4 to 5PCLK*5
0008 C29Bh
SYSTEM
Deep standby backup register 11
DPSBKR11
8
8
4 to 5PCLK*5
0008 C29Ch
SYSTEM
Deep standby backup register 12
DPSBKR12
8
8
4 to 5PCLK*5
0008 C29Dh
SYSTEM
Deep standby backup register 13
DPSBKR13
8
8
4 to 5PCLK*5
0008 C29Eh
SYSTEM
Deep standby backup register 14
DPSBKR14
8
8
4 to 5PCLK*5
0008 C29Fh
SYSTEM
Deep standby backup register 15
DPSBKR15
8
8
4 to 5PCLK*5
0008 C2A0h
SYSTEM
Deep standby backup register 16
DPSBKR16
8
8
4 to 5PCLK*5
0008 C2A1h
SYSTEM
Deep standby backup register 17
DPSBKR17
8
8
4 to 5PCLK*5
0008 C2A2h
SYSTEM
Deep standby backup register 18
DPSBKR18
8
8
4 to 5PCLK*5
0008 C2A3h
SYSTEM
Deep standby backup register 19
DPSBKR19
8
8
4 to 5PCLK*5
0008 C2A4h
SYSTEM
Deep standby backup register 20
DPSBKR20
8
8
4 to 5PCLK*5
0008 C2A5h
SYSTEM
Deep standby backup register 21
DPSBKR21
8
8
4 to 5PCLK*5
0008 C2A6h
SYSTEM
Deep standby backup register 22
DPSBKR22
8
8
4 to 5PCLK*5
0008 C2A7h
SYSTEM
Deep standby backup register 23
DPSBKR23
8
8
4 to 5PCLK*5
0008 C2A8h
SYSTEM
Deep standby backup register 24
DPSBKR24
8
8
4 to 5PCLK*5
0008 C2A9h
SYSTEM
Deep standby backup register 25
DPSBKR25
8
8
4 to 5PCLK*5
0008 C2AAh
SYSTEM
Deep standby backup register 26
DPSBKR26
8
8
4 to 5PCLK*5
0008 C2ABh
SYSTEM
Deep standby backup register 27
DPSBKR27
8
8
4 to 5PCLK*5
0008 C2ACh
SYSTEM
Deep standby backup register 28
DPSBKR28
8
8
4 to 5PCLK*5
0008 C2ADh
SYSTEM
Deep standby backup register 29
DPSBKR29
8
8
4 to 5PCLK*5
0008 C2AEh
SYSTEM
Deep standby backup register 30
DPSBKR30
8
8
4 to 5PCLK*5
0008 C2AFh
SYSTEM
Deep standby backup register 31
DPSBKR31
8
8
4 to 5PCLK*5
0008 C4C0h
POE
Input level control/status register 1
ICSR1
16
8, 16
2 to 3PCLK*5
0008 C4C2h
POE
Output level control/status register 1
OCSR1
16
8, 16
2 to 3PCLK*5
0008 C4C4h
POE
Input level control/status register 2
ICSR2
16
8, 16
2 to 3PCLK*5
0008 C4C6h
POE
Output level control/status register 2
OCSR2
16
8, 16
2 to 3PCLK*5
0008 C4C8h
POE
Input level control/status register 3
ICSR3
16
8, 16
2 to 3PCLK*5
0008 C4CAh
POE
Software port output enable register
SPOER
8
8
2 to 3PCLK*5
0008 C4CBh
POE
Port output enable control register 1
POECR1
8
8
2 to 3PCLK*5
0008 C4CCh
POE
Port output enable control register 2
POECR2
16
16
2 to 3PCLK*5
0008 C4CEh
POE
Port output enable control register 3
POECR3
16
16
2 to 3PCLK*5
Table 4.1
List of I/O Registers (Address Order) (13 / 23)
Address
Module
Abbreviation
Register Name
Register
Abbreviation
Number
of Bits
Access
Size
Number of
Access
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com