Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC810M021FN8 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 14Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 15Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 16Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 17Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 18Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 19Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 20Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 21Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
18 of 313
NXP Semiconductors
UM10601
Chapter 4: LPC800 System configuration (SYSCON)
-
-
0x09C
Reserved
-
-
-
-
0x0A0 -
0x0BC
Reserved
-
-
-
-
0x0CC
Reserved
-
-
CLKOUTSEL
R/W
0x0E0
CLKOUT clock source select
0
Table 20
CLKOUTUEN
R/W
0x0E4
CLKOUT clock source update enable
0
Table 21
CLKOUTDIV
R/W
0x0E8
CLKOUT clock divider
0
Table 22
UARTFRGDIV
R/W
0x0F0
USART fractional generator divider value
0
Table 23
UARTFRGMULT
R/W
0x0F4
USART fractional generator multiplier value
0
Table 24
EXTTRACECMD
R/W
0x0FC
External trace buffer command register
0
Table 25
PIOPORCAP0
R
0x100
POR captured PIO status 0
user dependent Table 26
-
-
0x104
Reserved
-
-
IOCONCLKDIV6
R/W
0x134
Peripheral clock 6 to the IOCON block for
programmable glitch filter
0x0000 0000
Table 27
IOCONCLKDIV5
R/W
0x138
Peripheral clock 5 to the IOCON block for
programmable glitch filter
0x0000 0000
Table 27
IOCONCLKDIV4
R/W
0x13C
Peripheral clock 4 to the IOCON block for
programmable glitch filter
0x0000 0000
Table 27
IOCONCLKDIV3
R/W
0x140
Peripheral clock 3 to the IOCON block for
programmable glitch filter
0x0000 0000
Table 27
IOCONCLKDIV2
R/W
0x144
Peripheral clock 2 to the IOCON block for
programmable glitch filter
0x0000 0000
Table 27
IOCONCLKDIV1
R/W
0x148
Peripheral clock 1 to the IOCON block for
programmable glitch filter
0x0000 0000
Table 27
IOCONCLKDIV0
R/W
0x14C
Peripheral clock 0 to the IOCON block for
programmable glitch filter
0x0000 0000
Table 27
BODCTRL
R/W
0x150
Brown-Out Detect
0
Table 28
SYSTCKCAL
R/W
0x154
System tick counter calibration
0x0
Table 29
-
R/W
0x168
Reserved
-
-
IRQLATENCY
R/W
0x170
IQR delay. Allows trade-off between interrupt
latency and determinism.
0x0000 0010
Table 30
NMISRC
R/W
0x174
NMI Source Control
0
Table 31
PINTSEL0
R/W
0x178
GPIO Pin Interrupt Select register 0
0
Table 32
PINTSEL1
R/W
0x17C
GPIO Pin Interrupt Select register 1
0
Table 32
PINTSEL2
R/W
0x180
GPIO Pin Interrupt Select register 2
0
Table 32
PINTSEL3
R/W
0x184
GPIO Pin Interrupt Select register 3
0
Table 32
PINTSEL4
R/W
0x188
GPIO Pin Interrupt Select register 4
0
Table 32
PINTSEL5
R/W
0x18C
GPIO Pin Interrupt Select register 5
0
Table 32
PINTSEL6
R/W
0x190
GPIO Pin Interrupt Select register 6
0
Table 32
PINTSEL7
R/W
0x194
GPIO Pin Interrupt Select register 7
0
Table 32
STARTERP0
R/W
0x204
Start logic 0 pin wake-up enable register
0
Table 33
STARTERP1
R/W
0x214
Start logic 1 interrupt wake-up enable
register
0
Table 34
Table 5.
Register overview: System configuration (base address 0x4004 8000) …continued
Name
Access
Offset
Description
Reset value
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com