Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC810M021FN8 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 51Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 52Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 53Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 54Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 55Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 56Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 57Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 58Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
55 of 313
NXP Semiconductors
UM10601
Chapter 6: LPC800 I/O configuration (IOCON)
The repeater mode enables the pull-up resistor if the pin is high and enables the
pull-down resistor if the pin is low. This causes the pin to retain its last known state if it is
configured as an input and is not driven externally. Repeater mode may typically be used
to prevent a pin from floating (and potentially using significant power if it floats to an
indeterminate state) if it is temporarily not driven.
6.4.4 Open-drain mode
An open-drain mode can be enabled for all digital I/O pins. Except for pins PIO0_10 and
PIO0_11, this mode is not a true open-drain mode. The input cannot be pulled up above
VDD.
6.4.5 Analog mode
The switch matrix automatically configures the pin in analog mode whenever an analog
input or output is selected as the pin’s function.
6.4.6 I2C-bus mode
The I2C-bus pins PIO0_10 and PIO0_11 can be programmed to support a true open-drain
mode independently of whether the I2C function is selected or another digital function. If
the I2C function is selected, all three I2C modes, Standard mode, Fast-mode, and
Fast-mode plus, are supported. A digital glitch filter can be configured for all functions.
Pins PIO0_10 and PIO0_11 operate as high-current sink drivers (20 mA) independently of
the programmed function.
6.4.7 Programmable glitch filter
All GPIO pins are equipped with a programmable, digital glitch filter. The filter rejects input
pulses with a selectable duration of shorter than one, two, or three cycles of a filter clock
(S_MODE = 1, 2, or 3). For each individual pin, the filter clock can be selected from one of
seven peripheral clocks PCLK0 to 6, which are derived from the main clock using the
IOCONCLKDIV0 to 6 registers. The filter can also be bypassed entirely.
Any input pulses of duration Tpulse of either polarity will be rejected if:
Tpulse TPCLKn  S_MODE
Input pulses of one filter clock cycle longer may also be rejected:
Tpulse TPCLKn (S_MODE + 1)
Remark:
The filtering effect is accomplished by requiring that the input signal be stable for
(S_MODE +1) successive edges of the filter clock before being passed on to the chip.
Enabling the filter results in delaying the signal to the internal logic and should be done
only if specifically required by an application. For high-speed or time critical functions
ensure that the filter is bypassed.
If the delay of the input signal must be minimized, select a faster PCLK and a higher
sample mode (S_MODE) to minimize the effect of the potential extra clock cycle.
If the sensitivity to noise spikes must be minimized, select a slower PCLK and lower
sample mode.
Related registers and links:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com