Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC810M021FN8 Datasheet(PDF) 86 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 82Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 83Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 84Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 85Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 86Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 87Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 88Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 89Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
86 of 313
NXP Semiconductors
UM10601
Chapter 8: LPC800 Pin interrupts/pattern match engine
8.6 Register description
8.6.1 Pin interrupt mode register
For each of the 8 pin interrupts selected in the PINTSELn registers (see Section 4.6.27),
one bit in the ISEL register determines whether the interrupt is edge or level sensitive.
8.6.2 Pin interrupt level or rising edge interrupt enable register
For each of the 8 pin interrupts selected in the PINTSELn registers (see Section 4.6.27),
one bit in the IENR register enables the interrupt depending on the pin interrupt mode
configured in the ISEL register:
• If the pin interrupt mode is edge sensitive (PMODE = 0), the rising edge interrupt is
enabled.
Table 79.
Register overview: Pin interrupts/pattern match engine (base address: 0xA000
4000)
Name
Access Address
offset
Description
Reset
value
Reference
ISEL
R/W
0x000
Pin Interrupt Mode register
0
Table 80
IENR
R/W
0x004
Pin interrupt level or rising edge interrupt
enable register
0
Table 81
SIENR
WO
0x008
Pin interrupt level or rising edge interrupt
set register
NA
Table 82
CIENR
WO
0x00C
Pin interrupt level (rising edge interrupt)
clear register
NA
Table 83
IENF
R/W
0x010
Pin interrupt active level or falling edge
interrupt enable register
0
Table 84
SIENF
WO
0x014
Pin interrupt active level or falling edge
interrupt set register
NA
Table 85
CIENF
WO
0x018
Pin interrupt active level or falling edge
interrupt clear register
NA
Table 86
RISE
R/W
0x01C
Pin interrupt rising edge register
0
Table 87
FALL
R/W
0x020
Pin interrupt falling edge register
0
Table 88
IST
R/W
0x024
Pin interrupt status register
0
Table 89
PMCTRL
R/W
0x028
Pattern match interrupt control register
0
Table 90
PMSRC
R/W
0x02C
Pattern match interrupt bit-slice source
register
0
Table 91
PMCFG
R/W
0x030
Pattern match interrupt bit slice
configuration register
0
Table 92
Table 80.
Pin interrupt mode register (ISEL, address 0xA000 4000) bit description
Bit
Symbol Description
Reset
value
Access
7:0
PMODE Selects the interrupt mode for each pin interrupt. Bit n
configures the pin interrupt selected in PINTSELn.
0 = Edge sensitive
1 = Level sensitive
0R/W
31:8
-
Reserved.
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com