Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC810M021FN8 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 24Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 25Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 26Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 27Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 28Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 29Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 30Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 31Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
28 of 313
NXP Semiconductors
UM10601
Chapter 4: LPC800 System configuration (SYSCON)
4.6.17 CLKOUT clock divider register
This register determines the divider value for the signal on the CLKOUT pin.
4.6.18 USART fractional generator divider value register
All USART peripherals share a common clock U_PCLK, which can be adjusted by a
fractional divider:
U_PCLK = UARTCLKDIV/(1 + MULT/DIV).
UARTCLKDIV is the USART clock configured in the UARTCLKDIV register.
The fractional portion (1 + MULT/DIV) is determined by the two USART fractional divider
registers in the SYSCON block:
1. The DIV value programmed in this register is the denominator of the divider used by
the fractional rate generator to create the fractional component of U_PCLK.
2. The MULT value of the fractional divider is programmed in the UARTFRGMULT
register. See Table 24.
Remark:
To use of the fractional baud rate generator, you must write 0xFF to this register
to yield a denominator value of 256. All other values are not supported.
See also:
Section 15.3.1 “Configure the USART clock and baud rate”
Section 15.7.1 “Clocking and Baud rates”
Table 21.
CLKOUT clock source update enable register (CLKOUTUEN, address 0x4004
80E4) bit description
Bit
Symbol
Value
Description
Reset value
0
ENA
Enable CLKOUT clock source update
0
0
No change
1
Update clock source
31:1
-
-
Reserved
-
Table 22.
CLKOUT clock divider registers (CLKOUTDIV, address 0x4004 80E8) bit
description
Bit
Symbol
Description
Reset
value
7:0
DIV
CLKOUT clock divider values
0: Disable CLKOUT clock divider.
1: Divide by 1.
to
255: Divide by 255.
0
31:8
-
Reserved
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com