Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC810M021FN8 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 10Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 11Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 12Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 13Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 14Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 15Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 16Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 17Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
14 of 313
NXP Semiconductors
UM10601
Chapter 4: LPC800 System configuration (SYSCON)
5. Wait for the PLL to lock by monitoring the PLL lock status.
Section 4.6.4 “System PLL status register”
4.3.2 Configure the main clock and system clock
The clock source for the registers and memories is derived from main clock. The main
clock can be sourced from the IRC at a fixed clock frequency of 12 MHz or from the PLL.
The divided main clock is called the system clock and clocks the core, the memories, and
the peripherals (register interfaces and peripheral clocks).
1. Select the main clock . You have the following options:
–
IRC: 12 MHz internal oscillator (default).
–
PLL output: You must configure the PLL to use the PLL output.
Section 4.6.10 “Main clock source select register”
2. Update the main clock source.
Section 4.6.11 “Main clock source update enable register”
3. Select the divider value for the system clock. A divider value of 0 disables the system
clock.
Section 4.6.12 “System clock divider register”
4. Select the memories and peripherals that are operating in your application and
therefore must have an active clock. The core is always clocked.
Section 4.6.13 “System clock control register”
4.3.3 Set up the system oscillator using XTALIN and XTALOUT
If you want to use the system oscillator with the LPC800, you need to assign the XTALIN
and XTALOUT pins, which connect to the external crystal, through the fixed-pin function in
the switch matrix. XTALIN and XTALOUT can only be assigned to pins PIO0_8 and
PIO0_9.
1. In the IOCON block, remove the pull-up and pull-down resistors in the IOCON
registers for pins PIO0_8 and PIO0_9.
2. In the switch matrix block, enable the 1-bit functions for XTALIN and XTALOUT.
3. In the SYSOSCCTRL register, disable the BYPASS bit and select the oscillator
frequency range according to the desired oscillator output clock.
Related registers:
Table 62 “PIO0_8 register (PIO0_8, address 0x4004 4038) bit description”
Table 61 “PIO0_9 register (PIO0_9, address 0x4004 4034) bit description”
Table 105 “Pin enable register 0 (PINENABLE0, address 0x4000 C1C0) bit description”
Table 10 “System oscillator control register (SYSOSCCTRL, address 0x4004 8020) bit
description”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com