Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC810M021FN8 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 23Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 24Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 25Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 26Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 27Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 28Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 29Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 30Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
27 of 313
NXP Semiconductors
UM10601
Chapter 4: LPC800 System configuration (SYSCON)
4.6.14 USART clock divider register
This register configures the clock for the fractional baud rate generator and all USARTs.
The UART clock can be disabled by setting the DIV field to zero (this is the default
setting).
4.6.15 CLKOUT clock source select register
This register selects the signal visible on the CLKOUT pin. Any oscillator or the main clock
can be selected.
Bit 0 of the CLKOUTUEN register (see Section 4.6.16) must be toggled from 0 to 1 for the
update to take effect.
4.6.16 CLKOUT clock source update enable register
This register updates the clock source of the CLKOUT pin with the new clock after the
CLKOUTSEL register has been written to. In order for the update to take effect at the input
of the CLKOUT pin, first write a zero to bit 0 of this register, then write a one.
19
ACMP
Enables clock to analog comparator.
0
0
Disable
1
Enable
31:20 -
-
Reserved
-
Table 18.
System clock control register (SYSAHBCLKCTRL, address 0x4004 8080) bit
description …continued
Bit
Symbol
Value
Description
Reset
value
Table 19.
USART clock divider register (UARTCLKDIV, address 0x4004 8094) bit description
Bit
Symbol
Description
Reset
value
7:0
DIV
USART clock divider values.
0: Clock disabled.
1: Divide by 1.
to
255: Divide by 255.
0
31:8
-
Reserved
-
Table 20.
CLKOUT clock source select register (CLKOUTSEL, address 0x4004 80E0) bit
description
Bit
Symbol
Value
Description
Reset
value
1:0
SEL
CLKOUT clock source
0
0x0
IRC oscillator
0x1
Crystal oscillator (SYSOSC)
0x2
Watchdog oscillator
0x3
Main clock
31:2
-
-
Reserved
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com