Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC810M021FN8 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 11Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 12Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 13Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 14Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 15Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 16Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 17Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 18Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
15 of 313
NXP Semiconductors
UM10601
Chapter 4: LPC800 System configuration (SYSCON)
4.4 Pin description
The SYSCON inputs and outputs are assigned to external pins through the switch matrix.
See Section 9.3.1 “Connect an internal signal to a package pin” to assign the CLKOUT
function to a pin on the LPC800 package.
See Section 9.3.2 to enable the clock input, the oscillator pins, and the external reset
input.
4.5 General description
4.5.1 Clock generation
The system control block facilitates the clock generation. Except for the USART clock and
the clock to configure the glitch filters of the digital I/O pins, the clocks to the core and
peripherals run at the same frequency. The maximum clock frequency for LPC800 is 30
MHz. See Figure 3.
Table 4.
SYSCON pin description
Function
Direction Pin
Description
SWM register
Reference
CLKOUT
O
any
CLKOUT clock output.
PINASSIGN8
Table 104
CLKIN
I
PIO0_1/ACMP_I2/CLKIN External clock input to the system
PLL. Disable the ACMP_I2 function
in the PINENABLE register.
PINENABLE0
Table 105
XTALIN
I
PIO0_8/XTALIN
Input to the system oscillator.
PINENABLE0
Table 105
XTALOUT O
PIO0_9/XTALOUT
Output from the system oscillator.
PINENABLE0
Table 105
RESET
I
RESET/PIO0_5
External reset input
PINENABLE0
Table 105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com