Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC810M021FN8 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # LPC810M021FN8
Description  LPC800 User manual
PDF  313 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC810M021FN8 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button LPC810M021FN8 Datasheet HTML 60Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 61Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 62Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 63Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 64Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 65Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 66Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 67Page - NXP Semiconductors LPC810M021FN8 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 313 page
background image
UM10601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Preliminary user manual
Rev. 1.0 — 7 November 2012
64 of 313
NXP Semiconductors
UM10601
Chapter 6: LPC800 I/O configuration (IOCON)
6.5.7 PIO0_2 register
Table 55.
PIO0_2 register (PIO0_2, address 0x4004 4018) bit description
Bit
Symbol
Value
Description
Reset
value
2:0
-
Reserved.
0
4:3
MODE
Selects function mode (on-chip pull-up/pull-down resistor
control).
0b10
0x0
Inactive (no pull-down/pull-up resistor enabled).
0x1
Pull-down resistor enabled.
0x2
Pull-up resistor enabled.
0x3
Repeater mode.
5
HYS
Hysteresis.
0
0
Disable.
1
Enable.
6
INV
Invert input.
0
0
Input not inverted (HIGH on pin reads as 1; LOW on pin reads
as 0).
1
Input inverted (HIGH on pin reads as 0, LOW on pin reads as
1).
9:7
-
-
Reserved.
0b001
10
OD
Open-drain mode.
0
0
Disable.
1
Open-drain mode enabled.
Remark:
This is not a true open-drain mode.
12:11
S_MODE
Digital filter sample mode.
0
0x0
Bypass input filter.
0x1
1 clock cycle. Input pulses shorter than one filter clock are
rejected.
0x2
2 clock cycles. Input pulses shorter than two filter clocks are
rejected.
0x3
3 clock cycles. Input pulses shorter than three filter clocks are
rejected.
15:13 CLK_DIV
Select peripheral clock divider for input filter sampling clock.
Value 0x7 is reserved.
0
0x0
IOCONCLKDIV0.
0x1
IOCONCLKDIV1.
0x2
IOCONCLKDIV2.
0x3
IOCONCLKDIV3.
0x4
IOCONCLKDIV4.
0x5
IOCONCLKDIV5.
0x6
IOCONCLKDIV6.
31:16 -
-
Reserved.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com