| Electronic Components Datasheet Search |
|
LPC810M021FN8 Datasheet(PDF) 100 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC810M021FN8 Datasheet(HTML) 100 Page - NXP Semiconductors |
|
100 / 313 page ![]() UM10601 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Preliminary user manual Rev. 1.0 — 7 November 2012 100 of 313 9.1 How to read this chapter The switch matrix is identical for all LPC800 parts. The USART2 and SPI1 functions are only available on parts LPC812M101FDH20 and LPC812M101FDH16 and the corresponding switch matrix select bits are reserved for all other parts. 9.2 Features • Flexible assignment of digital peripheral functions to pins • Enable/disable of analog functions 9.3 Basic configuration Once configured, no clocks are needed for the switch matrix to function. The system clock is needed only to write to or read from the pin assignment registers. After the switch matrix is configured, disable the clock to the switch matrix block in the SYSAHBCLKCTRL register. Before activating a peripheral or enabling its interrupt, use the switch matrix to connect the peripheral to external pins. The boot loader assigns the SWD functions to pins PIO0_2 and PIO0_3. If the user code disables the SWD functions through the switch matrix to use the pins for other functions, the SWD port is disabled. Remark: For the purpose of programming the pin functions through the switch matrix, every pin except the power and ground pins is identified in a package-independent way by its GPIO port pin number. UM10601 Chapter 9: LPC800 Switch matrix Rev. 1.0 — 7 November 2012 Preliminary user manual |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |